Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD4C05N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVD4C05N
Description  Single N?묬hannel Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD4C05N Datasheet(HTML) 2 Page - ON Semiconductor

  NVD4C05N Datasheet HTML 1Page - ON Semiconductor NVD4C05N Datasheet HTML 2Page - ON Semiconductor NVD4C05N Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NVD4C05N
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
14.9
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.3
2.2
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
4.7
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 45 A
3.4
4.1
m
W
VGS = 4.5 V, ID = 45 A
4.5
6.0
CHARGES, CAPACITANCES AND GATE RESISTANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
1970
pF
Output Capacitance
Coss
725
Reverse Transfer Capacitance
Crss
30
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 24 V,
ID = 45 A
31
nC
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 24 V,
ID = 45 A
14
nC
Threshold Gate Charge
QG(TH)
3.3
Gate−to−Source Charge
QGS
6.2
Gate−to−Drain Charge
QGD
3.2
Plateau Voltage
VGP
3.1
V
Gate Resistance
RG
1.0
W
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 24 V,
ID = 45 A, RG = 0 W
11
ns
Rise Time
tr
107
Turn−Off Delay Time
td(off)
17
Fall Time
tf
6.0
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 45 A
TJ = 25°C
0.9
1.2
V
TJ = 125°C
0.8
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 45 A
41
ns
Charge Time
ta
21
Discharge Time
tb
20
Reverse Recovery Charge
QRR
26
nC
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Order Number
Package
Shipping
NVD4C05NT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NVD4C05N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NVD4C05NT4G ISC-NVD4C05NT4G Datasheet
250Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - NVD4C05N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com