Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54121 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54121
Description  One-Shot with Clear and Complementary Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54121 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54121 Datasheet HTML 1Page - National Semiconductor (TI) 54121 Datasheet HTML 2Page - National Semiconductor (TI) 54121 Datasheet HTML 3Page - National Semiconductor (TI) 54121 Datasheet HTML 4Page - National Semiconductor (TI) 54121 Datasheet HTML 5Page - National Semiconductor (TI) 54121 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operating Rules (Continued)
5 Output pulse width versus VCC and operation tempera-
tures
Figure 3 depicts the relationship between pulse
width variation versus VCC Figure 4 depicts pulse width
variation versus ambient temperature
TLF6538 – 4
FIGURE 3
TLF6538 – 5
FIGURE 4
6 The ‘‘K’’ coefficient is not a constant but varies as a
function of the timing capacitor CX Figure 5 details this
characteristic
TLF6538 – 6
FIGURE 5
7 Under any operating condition CX and RX must be kept
as close to the one-shot device pins as possible to mini-
mize stray capacitance to reduce noise pick-up and to
reduce I c R and Ldidt voltage developed along their
connecting paths If the lead length from CX to pins (10)
and (11) is greater than 3 cm for example the output
pulse width might be quite different from values predicted
from the appropriate equations A non-inductive and low
capacitive path is necessary to ensure complete dis-
charge of CX in each cycle of its operation so that the
output pulse width will be accurate
8 VCC and ground wiring should conform to good high-fre-
quency standards and practices so that switching tran-
sients on the VCC and ground return leads do not cause
interaction between one-shots A 001 mF to 010 mF by-
pass capacitor (disk ceramic or monolithic type) from VCC
to ground is necessary on each device Furthermore the
bypass capacitor should be located as close to the VCC-
pin as space permits
For further detailed device characteristics and output performance please
refer to the NSC one-shot application note AN-366
4


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn