Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP202-1K31M1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP202-1K31M1
Description  FSP202-1K31M1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP202-1K31M1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP202-1K31M1 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC -DC switching power supplies in a
package of 3 x 5 x 1.5 inches are capable of delivering 200
watts of continuous power at 5.3 C FM forced air cooling or
150 watts at convection cooling. The units are constructed
on a printed circuit board with a U-bracket for mechanical
support and heat sinking. A cover-and-fan assembly can
be added during manufacturing for 200 watt output. They
are specially designed for medical applications, but not for
life-supporting equipment. The units are certified also to
IEC /EN /UL /C SA 60950-1 and suitable for data
networking, computer and
telecommunication applications.
FEATURES
3 x 5 inch footprint with 1.5 inch low profile
100-240 VAC input with active PFC
Less than 220 μA leakage current
Meet EN55011 /55022 and FC C C lass B
Power Factor 0.98 typical
Short-circuit protection
Power Fail Detect (PFD) signal
Inhibit - TTL high to disable output
C ompliant with RoHS requirements
Efficiency greater than 87%
W ATTAGE
Wattage:
200W
DIMENSION
Dimension:
127.0mm(L) x 76.0mm(W) x
38mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
2.5A(rms) for115VAC ,
1.25A(rms) for230VAC
Leakage Current:
220 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Output protected to short
circuit conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+70°C
Storage Temperature: -40°C to +
85
*Output Voltage and C urrent Rating
+18V
Ripple-Noise(R-P) mV
180mV
Regulation Load %
±2%
Output Max.(A)
11.12A
Output Min.(A)
0A
NOTES
1. Suffix “B” in model numbers denotes U-bracket form. C hange suffix “B” to “C ” for enclosed form with cover and fan
assembly, e.g. PM202-14C
2. 150 W without moving air or 200 W with 5.3 C FM forced air provided by user for “B” version, 200 W for “C ” version
with cover and fan assembly. The adequacy of cooling air is judged by the measured core temperature of transformer T1
below 75at 25ambient, or below100at 50ambient.
3. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP202-1K31M1


Similar Part No. - FSP202-1K31M1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP202-1K30M1 FSP-FSP202-1K30M1 Datasheet
159Kb / 1P
   Medical PSU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com