Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP-10E-LR-EDFF Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPP-10E-LR-EDFF
Description  1310nm DFB laser and PIN receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPP-10E-LR-EDFF Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPP-10E-LR-EDFF Datasheet HTML 1Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 2Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 3Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 4Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 5Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 6Page - Source Photonics, Inc. SPP-10E-LR-EDFF Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS-7602 Rev 00
2014-02-03
SPP-10E-LR-EDFF
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
Figure 2, Recommended Interface Circuit


Similar Part No. - SPP-10E-LR-EDFF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
More results

Similar Description - SPP-10E-LR-EDFF

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
NEC
OD-S559 NEC-OD-S559 Datasheet
251Kb / 3P
   1310nm DFB-LD Module
logo
Agilent(Hewlett-Packard...
LSC2210 HP-LSC2210 Datasheet
130Kb / 6P
   14 PIN DFB Laser Module with Cooler
logo
OKI electronic componet...
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
   1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com