Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP-10E-ER-IDFC Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SPP-10E-ER-IDFC
Description  Support 10GBASE-ER/EW application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPP-10E-ER-IDFC Datasheet(HTML) 6 Page - Source Photonics, Inc.

  SPP-10E-ER-IDFC Datasheet HTML 1Page - Source Photonics, Inc. SPP-10E-ER-IDFC Datasheet HTML 2Page - Source Photonics, Inc. SPP-10E-ER-IDFC Datasheet HTML 3Page - Source Photonics, Inc. SPP-10E-ER-IDFC Datasheet HTML 4Page - Source Photonics, Inc. SPP-10E-ER-IDFC Datasheet HTML 5Page - Source Photonics, Inc. SPP-10E-ER-IDFC Datasheet HTML 6Page - Source Photonics, Inc. SPP-10E-ER-IDFC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Datasheet Preliminary D
DS-7196
Rev 00
2012-09-19
Preliminary Datasheet
SPP-10E-ER-IDFC
Notes:
1.
The module ground pins are isolated from the module case.
2.
The pins shall be pulled up with 4.7K-10Kohms to a voltage between 3.14V and 3.47V on host board.
3.
The pin is pulled up to VCCT with a 4.7K-10KΩ resistor in the module.
4.
The pins are pulled low to VEET with a >30kΩ resistor in the module.
Mechanical Diagram
Figure 4, Mechanical Diagram of SFP+
Order Information
Table 7
– Order Information
Part No.
Application
Data Rate
Laser Source
Fiber Type
Latch Color
SPP-10E-ER-IDFC
10GBASE-ER/EW
9.953~10.3125G
1550nm EML
SMF
Red


Similar Part No. - SPP-10E-ER-IDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-ER-CDFC SOURCE-SPP-10E-ER-CDFC Datasheet
172Kb / 7P
   Support 10GBASE-ER/EW application
More results

Similar Description - SPP-10E-ER-IDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-ER-CDFC SOURCE-SPP-10E-ER-CDFC Datasheet
172Kb / 7P
   Support 10GBASE-ER/EW application
SPP-10E-ZR-CDFA SOURCE-SPP-10E-ZR-CDFA Datasheet
339Kb / 7P
   Support 10GBASE-ZR/ZW application
SPP-10E-ZR-IDFA SOURCE-SPP-10E-ZR-IDFA Datasheet
365Kb / 7P
   Support 10GBASE-ZR/ZW application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-CDFP SOURCE-SPP-10E-LR-CDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and Data Center application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10S-LR-CDFC SOURCE-SPP-10S-LR-CDFC Datasheet
373Kb / 7P
   Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10S-LR-EDFC SOURCE-SPP-10S-LR-EDFC Datasheet
372Kb / 7P
   Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10E-SR-CDFF SOURCE-SPP-10E-SR-CDFF Datasheet
334Kb / 7P
   Support 10GBASE-SR/SW applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com