Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP-10E-ER-CDFC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPP-10E-ER-CDFC
Description  Support 10GBASE-ER/EW application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPP-10E-ER-CDFC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPP-10E-ER-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SPP-10E-ER-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SPP-10E-ER-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SPP-10E-ER-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SPP-10E-ER-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SPP-10E-ER-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SPP-10E-ER-CDFC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet Preliminary D
DS-7283 Rev 00 2013-01-05
Preliminary Datasheet
SPP-10E-ER-CDFC
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC
-0.5
-
+4.0
V
Operating Relative Humidity
RH
-
-
+85
%
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case Temperature
TC
-5
-
+70
°C
Power Supply Voltage
VCC
3.14
3.3
3.47
V
Power Supply Current
ICC
-
-
430
mA
Power Dissipation
PD
-
-
1.5
W
Bit Rate
BR
9.953
10.3125
-
Gbps
Transmission Distance
TD
2
-
40,000
m
1
Note 1: Measured with SMF.
Optical Characteristics
Table 4 – Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Center Wavelength Range
λC
1530
-
1565
nm
Average Output Power
P0UT
-4.7
-
4.0
dBm
1
Average Output Power (Laser Off)
P0UT-OFF
-
-
-30
dBm
1
Extinction Ratio
ER
3
-
-
dB
2
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Return Loss Tolerance
ORLT
-
-
21
dB
Optical Eye Mask
Compatible with IEEE 802.3-2008
2
Receiver
Center Wavelength Range
λC
1530
-
1565
nm
Receiver Sensitivity
PIN-SENS
-
-
-15.8
dBm
3
Receiver Overload
PIN-OL
-1
-
-
dBm
3
Receiver Reflectance
Ref
-
-
-26
dB
LOS Assert
LOSA
-25
-
dBm


Similar Part No. - SPP-10E-ER-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-ER-IDFC SOURCE-SPP-10E-ER-IDFC Datasheet
322Kb / 7P
   Support 10GBASE-ER/EW application
More results

Similar Description - SPP-10E-ER-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-ER-IDFC SOURCE-SPP-10E-ER-IDFC Datasheet
322Kb / 7P
   Support 10GBASE-ER/EW application
SPP-10E-ZR-CDFA SOURCE-SPP-10E-ZR-CDFA Datasheet
339Kb / 7P
   Support 10GBASE-ZR/ZW application
SPP-10E-ZR-IDFA SOURCE-SPP-10E-ZR-IDFA Datasheet
365Kb / 7P
   Support 10GBASE-ZR/ZW application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-CDFP SOURCE-SPP-10E-LR-CDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and Data Center application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10S-LR-CDFC SOURCE-SPP-10S-LR-CDFC Datasheet
373Kb / 7P
   Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10S-LR-EDFC SOURCE-SPP-10S-LR-EDFC Datasheet
372Kb / 7P
   Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10E-SR-CDFF SOURCE-SPP-10E-SR-CDFF Datasheet
334Kb / 7P
   Support 10GBASE-SR/SW applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com