Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLC-53-FE-BX-CDFA Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPLC-53-FE-BX-CDFA
Description  CSFP Compact SFP Bi-Directional Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPLC-53-FE-BX-CDFA Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPLC-53-FE-BX-CDFA Datasheet HTML 1Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 2Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 3Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 4Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 5Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 6Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 7Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 8Page - Source Photonics, Inc. SPLC-53-FE-BX-CDFA Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
- 2 -
Preliminary Datasheet
SPLC-53-FE-BX
CSFP Compact SFP Bi-Directional Transceiver
DS-6320
Rev 05
2012-07-31
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Input Differential Impedence
Rin
80
100
120
Single Ended Data Input Swing
Vin, p-p
250
-
1200
mV
TxFault_Fault
Vfault
2
-
Vcc
V
TxFault_Normal
Vnormal
Vee
-
Vee + 0.5
V
TxDisable_Disable
Vd
2
-
Vcc
V
TxDisable_Enable
Ven
Vee
-
Vee + 0.8
V
Table 4 – Receiver Specifications (Optical) (Each Channel)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Receiver Power Low
Rsens,low
-
-
-28.2
dBm
2
Receiver Power High
Rsens,high
-8
-
-
dBm
2
Damage Threshold For Receiver
Pin, damage
0
-
-
dBm
Wavelength
λ
1260
-
1360
nm
Receiver Reflectance
RX_r
-
-
-12
dB
LOS Assert
-
-45
-
-
dBm
LOS De-Assert
-
-
-
-28.2
dBm
LOS Hysteresis
-
0.5
-
4
dB
Note 2: Measured at 10
-12 BER, PRBS 27-1, 6.6dB ER
Table 5 – Receiver Specifications (Electrical) (Each Channel)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Single Ended Data Output Swing
Vout,p-p
185
-
1000
mV
Data Output Rise/Fall Time
tr/tf
-
-
2
ns
RX_LOS Voltage (High)
Rx_LOSH
2
-
-
V
RX_LOS Voltage (Low)
RX_LOSL
-
-
0.8
V
LOS Output Voltage-Fault
VLOS fault
2
-
Vcc
V
LOS Output Voltage-Normal
VLOS normal
Vee
-
Vee + 0.5
V


Similar Part No. - SPLC-53-FE-BX-CDFA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-34-GB-BX SOURCE-SPLC-34-GB-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-35-FE-BX-CDFA SOURCE-SPLC-35-FE-BX-CDFA Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-35-FE-BX-IDFA SOURCE-SPLC-35-FE-BX-IDFA Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
More results

Similar Description - SPLC-53-FE-BX-CDFA

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-34-GB-BX SOURCE-SPLC-34-GB-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com