Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPLC-43-GB-BX Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPLC-43-GB-BX
Description  CSFP Compact SFP Bi-Directional Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPLC-43-GB-BX Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPLC-43-GB-BX Datasheet HTML 1Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 2Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 3Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 4Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 5Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 6Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 7Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 8Page - Source Photonics, Inc. SPLC-43-GB-BX Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
- 3 -
Preliminary Datasheet
SPLC-43-GB-BX
CSFP Compact SFP Bi-Directional Transceiver
DS-6318
Rev 04
2012-07-31
Table 7 – Diagnostics
Parameter
Range
Accuracy
Unit
Calibration
Formula
Temperature
(C-Temp)
-5 to 70
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos
complement value) + Toffset
Temperature
(I-temp)
-40 to 85
±3
ºC
External
Tc(C) = Tslope*Tad(16 bit signed twos
complement value) + Toffset
Voltage
2.97 to
3.63
±3%
V
External
V(Volts) = Vslope*Vad (16 bit unsigned
integer) + Voffset
Bias Current
0 to 100
±10%
mA
External
I(mA) = Islope * Iad(16 bit unsigned integer)
+ Ioffset
Tx Power
-9 to -3
±3
dBm
External
Tx_PWR(µW) = Tx_PWRslope*Tx_PWRad
(16 bit unsigned integer)+Tx_PWRoffset
Rx Power
-20 to -3
±3
dBm
External
Rx_PWR(µW) =
A0+A1*x+A2*x^2+A3*x^3+A4*x^4


Similar Part No. - SPLC-43-GB-BX

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-34-GB-BX SOURCE-SPLC-34-GB-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-35-FE-BX-CDFA SOURCE-SPLC-35-FE-BX-CDFA Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-35-FE-BX-IDFA SOURCE-SPLC-35-FE-BX-IDFA Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
More results

Similar Description - SPLC-43-GB-BX

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-34-GB-BX SOURCE-SPLC-34-GB-BX Datasheet
321Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
   CSFP Compact SFP Bi-Directional Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPS-43-GB-BX-CNA SOURCE-SPS-43-GB-BX-CNA Datasheet
671Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CNA SOURCE-SPL-34-GB-BX-CNA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com