Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-53-03-EBX-IDFM Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPL-53-03-EBX-IDFM
Description  Up to 20km point-point transmission on SMF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-53-03-EBX-IDFM Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPL-53-03-EBX-IDFM Datasheet HTML 1Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-53-03-EBX-IDFM Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPL-35-03-EBX-IDFM
SPL-53-03-EBX-IDFM
DS-6523 Rev 01 2012-2-13
36
1
Reserved
00
37—39
3
Vendor OUI
00 1F 22
40—55
16
Vendor PN
53 50 4C xx xx 30 33 45
42 58 49 44 46 4D 20 20
35 for SPL-35-03-EBX-IDFM(ASCⅡ)
53for SPL-53-03-EBX-IDFM (ASCⅡ)
56—59
4
Vendor rev
31 30 20 20
ASCⅡ( “31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
05 1E/06 0E
1310nm/1550nm
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx
ASCⅡ.
84—91
8
Vendor date code
xx
Year (2 bytes), Month (2 bytes), Day (2
bytes)
92
1
Diagnostic type
58
93
1
Enhanced option
B0
94
1
SFF-8472
02
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96-255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the related
document of SFF-8472 Rev 9.5.
Table 9-Monitoring Specification
Parameter
Range
Accuracy
Calibration*
Temperature
-40 to +95°C
±3°C
External
Voltage
2.97 to 3.63V
±3%
External
Bias Current
3mA to 80mA
±10%
External
TX Power
-8 to -14dBm
±3dB
External
RX Power
-8 to -32dBm
±3dB
External


Similar Part No. - SPL-53-03-EBX-IDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-53-03-EBX-CDFM SOURCE-SPL-53-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
More results

Similar Description - SPL-53-03-EBX-IDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-03-EBX-CDFM SOURCE-SPL-35-03-EBX-CDFM Datasheet
284Kb / 9P
   Up to 20km point-point transmission on SMF
SPL-35-GB-BD-XDFM SOURCE-SPL-35-GB-BD-XDFM Datasheet
263Kb / 10P
   Up to 40km point-point transmission
SPL-45-MR-IR2-IDFM SOURCE-SPL-45-MR-IR2-IDFM Datasheet
279Kb / 10P
   Up to 40km point-point transmission
SPL-35-GB-BX-CDFM SOURCE-SPL-35-GB-BX-CDFM Datasheet
264Kb / 10P
   Up to 10km point-point transmission
SPC-03-ELR-XXCDFM SOURCE-SPC-03-ELR-XXCDFM Datasheet
246Kb / 9P
   Up to 100km transmission on SMF
SPL-34-GB-BD-XDFM SOURCE-SPL-34-GB-BD-XDFM Datasheet
281Kb / 10P
   Up to 40km transmission on SMF
SPC-03-LR-XXCDFM SOURCE-SPC-03-LR-XXCDFM Datasheet
268Kb / 9P
   Up to 80km transmission on SMF
SPP-10E-LR-EDFP SOURCE-SPP-10E-LR-EDFP Datasheet
443Kb / 7P
   Up to 1.4km transmission on SMF
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com