Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL-34-GB-BX-CDFM Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPL-34-GB-BX-CDFM
Description  1.25Gbps bi-directional data links
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPL-34-GB-BX-CDFM Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button SPL-34-GB-BX-CDFM Datasheet HTML 2Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 3Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 4Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 5Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 6Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 7Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 8Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 9Page - Source Photonics, Inc. SPL-34-GB-BX-CDFM Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPL-34-GB-BX-CDFM
SPL-43-GB-BX-CDFM
DS-6227 Rev 02 2013-9-13
20—35
16
Vendor name
53 4F 55 52 43 45 50 48
4F 54 4F 4E49 43 53 20
“SOURCEPHOTONICS”(ASCⅡ)
36
1
Reserved
00
37—39
3
Vendor OUI
00 1F 22
40—55
16
Vendor PN
53 50 4C xx xx 47 42 42
58 43 44 46 4D 20 20 20
SPL34GBBXCDFM
SPL43GBBXCDFM
56—59
4
Vendor rev
31 30 20 20
ASC ( “31 30 20 20” means 1.0 revision)
60-61
2
Wavelength
05 1E/05 D2
1310/1490nm
62
1
Reserved
00
63
1
CC BASE
xx
Check sum of bytes 0 - 62
64—65
2
Options
00 1A
LOS, TX_FAULT and TX_DISABLE
66
1
BR, max
00
67
1
BR, min
00
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASC .
84—91
8
Vendor date
code
xx xx xx xx xx xx 20 20
Year (2 bytes), Month (2 bytes), Day (2
bytes)
92
1
Diagnostic type
58
Diagnostics(Ext.Cal)
93
1
Enhanced
option
B0
Diagnostics (Optional Alarm/warning flags,
Soft TX_FAULT and Soft TX_LOS
monitoring)
94
1
SFF-8472
02
Diagnostics(SFF-8472 Rev 9.4)
95
1
CC EXT
xx
Check sum of bytes 64 - 94
96—255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 4. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 9.


Similar Part No. - SPL-34-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDA SOURCE-SPL-34-GB-BX-CDA Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
SPL-34-GB-BX-CDC SOURCE-SPL-34-GB-BX-CDC Datasheet
641Kb / 9P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-34-GB-BX-CDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
SPL-34-MR-IR2-IDFM SOURCE-SPL-34-MR-IR2-IDFM Datasheet
278Kb / 10P
   155M - 2.67Gb/s bi-directional data links
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
   614.4M-2.5Gb/s bi-directional data links
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
   614.4M - 2.5Gb/s bi-directional data links
logo
Level One
SFP-3841 LVL1-SFP-3841 Datasheet
263Kb / 3P
   Up to 1.25Gbps bi-directional data links Hot-pluggable SFP footprint Extended cased temperature range
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612C-SL10G SOURCE-FTM-9612C-SL10G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com