Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPG-FE-FX-CDFC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPG-FE-FX-CDFC
Description  Built-in PHY supporting SGMII Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPG-FE-FX-CDFC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPG-FE-FX-CDFC Datasheet HTML 1Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 2Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 3Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 4Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 5Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 6Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 7Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 8Page - Source Photonics, Inc. SPG-FE-FX-CDFC Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS-7315 Rev 04 2013-11-21
SPG-FE-FX-IDFC
SPG-FE-FX-CDFC
Features
Built-in PHY supporting SGMII Interface
Built-in
high
performance
MCU
supporting
easier
configuration
Support more link status monitor, such as CRC error
counter, package counter
100BASE-FX operation
1310nm FP laser and PIN photo-detector
Up to 2km transmission with MMF
Standard serial ID information Compatible with SFP MSA
SFP MSA package with duplex LC connector
With Spring-Latch for high density application
+3.3V single power supply
Operating case temperature:
I-temp: -40 to +85°C; C-temp:-5 to 70°C
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1
Electrostatic Discharge (ESD) to the
Duplex LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN (IEC) 60825-1,2
Compatible with Class I laser
product.
RoHS
2011/65/EU
Compliant with RoHS
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC
-0.5
-
+3.6
V
Operating Relative Humidity
RH
5
-
+95
%
Power consumption
1.2
W


Similar Part No. - SPG-FE-FX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-CDFC SOURCE-SPG-FE-LX-CDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
More results

Similar Description - SPG-FE-FX-CDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LX-XDFC SOURCE-SPG-DR-LX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LH-CDFC SOURCE-SPG-DR-LH-CDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-FX-XDFC SOURCE-SPG-DR-FX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
logo
Broadcom Corporation.
BCM53134 BOARDCOM-BCM53134 Datasheet
3Mb / 2P
   1G/2.5 Gbps SGMII interface
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
   10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
logo
Maxim Integrated Produc...
DS33X11DK MAXIM-DS33X11DK Datasheet
665Kb / 39P
   Includes Ethernet PHY Supporting 10/100 and Gigabit Modes
Rev: 030508
logo
List of Unclassifed Man...
ATCA-8202 ETC2-ATCA-8202 Datasheet
462Kb / 2P
   Built-in Layer 2 Base Interface switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com