Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPG-FE-FX-IDFC Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SPG-FE-FX-IDFC
Description  Built-in PHY supporting SGMII Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPG-FE-FX-IDFC Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SPG-FE-FX-IDFC Datasheet HTML 1Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 2Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 3Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 4Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 5Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 6Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 7Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 8Page - Source Photonics, Inc. SPG-FE-FX-IDFC Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS-7315 Rev 04 2013-11-21
SPG-FE-FX-IDFC
SPG-FE-FX-CDFC
6
MOD-DEF0
Module Definition 0
3
Note 3
7
Rate Select
Not Use
3
8
LOS
Loss of Signal
3
Note 4
9
VeeR
Receiver Ground
1
10
VeeR
Receiver Ground
1
11
VeeR
Receiver Ground
1
12
RD-
Inv. Received Data Out
3
Note 5
13
RD+
Received Data Out
3
Note 5
14
VeeR
Receiver Ground
1
15
VccR
Receiver Power
2
16
VccT
Transmitter Power
2
17
VeeT
Transmitter Ground
1
18
TD+
Transmit Data In
3
Note 6
19
TD-
Inv. Transmit Data In
3
Note 6
20
VeeT
Transmitter Ground
1
Notes:
1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host
board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a
laser fault of some kind. In the low state, the output will be pulled to less than 0.8V.
2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the
module with a 4.7k~10k
Ω resistor. Its states are:
Low (0~0.8V):
Transmitter on
(>0.8V, <2.0V):
Undefined
High (2.0~3.465V):
Transmitter Disabled
Open:
Transmitter Disabled
3. MOD-DEF 0, 1, 2 are the module definition pins. They should be pulled up with a 4.7k~10k
Ω resistor on
the host board. The pull-up voltage shall be VccT or VccR.
MOD-DEF 0 is grounded by the module to indicate that the module is present
MOD-DEF 1 is the clock line of two wire serial interface for serial ID
MOD-DEF 2 is the data line of two wire serial interface for serial ID
4. LOS is an open collector output, which should be pulled up with a 4.7k~10k
Ω resistor on the host board
to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of
signa or link down with partner l. In the low state, the output will be pulled to less than 0.8V.
5. These are the differential receiver output. They are internally AC-coupled 100Ω differential lines which
should be terminated with 100Ω (differential) at host with SGMII interface.
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100Ω
differential termination inside the module.


Similar Part No. - SPG-FE-FX-IDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-CDFC SOURCE-SPG-FE-LX-CDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
More results

Similar Description - SPG-FE-FX-IDFC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPG-FE-LX-IDFC SOURCE-SPG-FE-LX-IDFC Datasheet
253Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LX-XDFC SOURCE-SPG-DR-LX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-LH-CDFC SOURCE-SPG-DR-LH-CDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-FX-XDFC SOURCE-SPG-DR-FX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
logo
Broadcom Corporation.
BCM53134 BOARDCOM-BCM53134 Datasheet
3Mb / 2P
   1G/2.5 Gbps SGMII interface
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
   10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
logo
Maxim Integrated Produc...
DS33X11DK MAXIM-DS33X11DK Datasheet
665Kb / 39P
   Includes Ethernet PHY Supporting 10/100 and Gigabit Modes
Rev: 030508
logo
List of Unclassifed Man...
ATCA-8202 ETC2-ATCA-8202 Datasheet
462Kb / 2P
   Built-in Layer 2 Base Interface switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com