Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-GB-LX-XDFN Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SP-GB-LX-XDFN
Description  Dual data-rate 1.25Gbps/1.0625Gbps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-LX-XDFN Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SP-GB-LX-XDFN Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 7Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 8Page - Source Photonics, Inc. SP-GB-LX-XDFN Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SP-GB-LX-xDFN
DS-6719 Rev 01 2012-3-30
68—83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASC .
84—91
8
Vendor date
code
xx xx xx xx xx xx 20 20
Year (2 bytes), Month (2 bytes), Day (2
bytes)
92
1
Diagnostic type 68
Diagnostics(Int.Cal)
93
1
Enhanced
option
B0
Diagnostics(Optional Alarm/warning flags,
Soft TX_FAULT and Soft TX_LOS
monitoring)
94
1
SFF-8472
02
Diagnostics(SFF-8472 Rev 9.4)
95
1
CC_EXT
xx
Check sum of bytes 64 - 94
96—255
160
Vendor specific
Note: The “xx” byte should be filled in according to practical case. For more information, please refer to the
related document of SFF-8472 Rev 9.5.
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which
makes use of the 8 bit address 1010001X (A2h). Please see Figure 4. For detail EEPROM information,
please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is
described in Table 8.
Figure 4, EEPROM Memory Map Specific Data Field Descriptions
Table 8- Monitoring Specification
Parameter
Range
Accuracy
Calibration
Temperature
Commercial
-10 to 80°C
±3°C
Internal
Extended
-20 to 95°C
±3°C
Internal
Industrial
-40 to 95°C
±3°C
Internal
Voltage
3.0 to 3.6V
±3%
Internal


Similar Part No. - SP-GB-LX-XDFN

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-CNA SOURCE-SP-GB-LX-CNA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-RDA SOURCE-SP-GB-LX-RDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-RNA SOURCE-SP-GB-LX-RNA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-TDA SOURCE-SP-GB-LX-TDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
More results

Similar Description - SP-GB-LX-XDFN

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com