Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-FE-FX-XDFM Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SP-FE-FX-XDFM
Description  125M 100BASE-FX application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-FE-FX-XDFM Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SP-FE-FX-XDFM Datasheet HTML 1Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 2Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 3Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 4Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 5Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 6Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 7Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 8Page - Source Photonics, Inc. SP-FE-FX-XDFM Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SP-FE-FX-xDFM
DS-6101 Rev 01 2012-09-06
Recommended Interface Circuit
Figure 2, Recommended Interface Circuit
Pin Definitions
Figure 3 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table
6 with some accompanying notes.
Pin 1 0
Pin 1
Pin 1 1
Pin 2 0
BO TT O M VIEW
OF B O A R D
OF B O A R D
T O P VIEW
Figure 3, Pin View
Table 6 - Pin Function Definitions
Pin No.
Name
Function
Plug Seq.
Notes
1
VeeT
Transmitter Ground
1


Similar Part No. - SP-FE-FX-XDFM

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
SP-FE-LX-CDC SOURCE-SP-FE-LX-CDC Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
SP-FE-LX-CNA SOURCE-SP-FE-LX-CNA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
SP-FE-LX-CNC SOURCE-SP-FE-LX-CNC Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
SP-FE-LX-TDA SOURCE-SP-FE-LX-TDA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
More results

Similar Description - SP-FE-FX-XDFM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
   100Base-TX/FX Converter
logo
Integrated Circuit Syst...
ICS1889 ICST-ICS1889 Datasheet
1Mb / 35P
   100Base-FX Integrated PHYceiverTM
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
   10/100BASE-TX to 100BASE-FX Media Converter
logo
ASIX Electronics Corpor...
AX88850 ASIX-AX88850 Datasheet
420Kb / 39P
   100BASE-TX/FX Repeater Controller
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
   10/100BASE-TX to 100BASE-FX MMF ST Converter,
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
   100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
   Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com