Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEP-320 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HEP-320
Description  320W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HEP-320 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HEP-320 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HEP-320 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HEP-320 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HEP-320 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Derating Curve
Static Characteristics
90
115
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
-55
-25
-10
0
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (V) 60Hz
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
PFC fosc : 47KHz
PWM fosc : 65KHz
115VAC
230VAC
320W Single Output Switching Power Supply
HEP-320 series
File Name:HEP-320-SPEC 2015-08-21
Block Diagram


Similar Part No. - HEP-320

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HEP-3/4-D-MAXI FESTO-HEP-3/4-D-MAXI Datasheet
102Kb / 1P
   Shut off valve
HEP-3/4-D-MIDI FESTO-HEP-3/4-D-MIDI Datasheet
101Kb / 1P
   Shut off valve
HEP-3/8-D-MIDI FESTO-HEP-3/8-D-MIDI Datasheet
101Kb / 1P
   Shut off valve
HEP-3/8-D-MINI FESTO-HEP-3/8-D-MINI Datasheet
102Kb / 1P
   Shut off valve
More results

Similar Description - HEP-320

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-320H MEANWELL-HLG-320H_12 Datasheet
395Kb / 7P
   320W Single Output Switching Power Supply
S-320 MEANWELL-S-320 Datasheet
243Kb / 2P
   320W Single Output Switching Power Supply
HLG-320H MEANWELL-HLG-320H Datasheet
461Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H_1109 MEANWELL-HLG-320H_1109 Datasheet
390Kb / 7P
   320W Single Output Switching Power Supply
HLG-320H_1111 MEANWELL-HLG-320H_1111 Datasheet
394Kb / 7P
   320W Single Output Switching Power Supply
logo
Astrodyne Corporation
AS-320 ASTRODYNE-AS-320 Datasheet
322Kb / 2P
   320W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HVGC-320 MEANWELL-HVGC-320 Datasheet
132Kb / 6P
   320W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com