Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG00DFT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SG00DFT2G
Description  Single 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG00DFT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SG00DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 6Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 7Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 8Page - ON Semiconductor NL17SG00DFT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NL17SG00
http://onsemi.com
5
Figure 2. Switching Waveforms
Figure 3. Test Circuit
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
50%
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended
for propagation delay tests.
CL*
INPUT
VCC
OUTPUT
VCC
ORDERING INFORMATION
Device
Package
Shipping
NL17SG00P5T5G
SOT−953
(Pb−Free)
8000 / Tape & Reel
NL17SG00DFT2G
SC−88A
(Pb−Free)
3000 / Tape & Reel
NL17SG00AMUTCG*
UDFN6 1.45x1 mm
(Pb−Free)
3000 / Tape & Reel
NL17SG00CMUTCG*
UDFN6 1x1 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*In Development.


Similar Part No. - NL17SG00DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02AMUTCG ONSEMI-NL17SG02AMUTCG Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02CMUTCG ONSEMI-NL17SG02CMUTCG Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02DFT2G ONSEMI-NL17SG02DFT2G Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
NL17SG02P5T5G ONSEMI-NL17SG02P5T5G Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
More results

Similar Description - NL17SG00DFT2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com