Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUS4C16NTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLUS4C16NTAG
Description  Single N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS4C16NTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NTLUS4C16NTAG Datasheet HTML 1Page - ON Semiconductor NTLUS4C16NTAG Datasheet HTML 2Page - ON Semiconductor NTLUS4C16NTAG Datasheet HTML 3Page - ON Semiconductor NTLUS4C16NTAG Datasheet HTML 4Page - ON Semiconductor NTLUS4C16NTAG Datasheet HTML 5Page - ON Semiconductor NTLUS4C16NTAG Datasheet HTML 6Page - ON Semiconductor NTLUS4C16NTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
NTLUS4C16N/D
NTLUS4C16N
Power MOSFET
30 V, 11.7 A, Single N−Channel,
1.6x1.6x0.55 mm
mCoolt UDFN6 Package
Features
UDFN Package with Exposed Drain Pads for Excellent Thermal
Conduction
Low Profile UDFN 1.6 x 1.6 x 0.55 mm for Board Space Saving
Ultra Low RDS(on)
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Power Load Switch
Wireless Charging
DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
9.4
A
TA = 85°C
6.8
t
≤ 5 s
TA = 25°C
11.7
Power Dissipa-
tion (Note 1)
Steady
State
TA = 25°C
PD
1.53
W
t
≤ 5 s
TA = 25°C
2.37
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
6.1
A
TA = 85°C
4.4
Power Dissipation (Note 2)
TA = 25°C
PD
0.65
W
Pulsed Drain Current
tp = 10 ms
IDM
28
A
MOSFET Operating Junction and Storage
Temperature
TJ,
TSTG
-55 to
150
°C
Source Current (Body Diode) (Note 1)
IS
2.0
A
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface-mounted on FR4 board using the minimum recommended pad size,
2 oz. Cu.
www.onsemi.com
30 V
13.3 m
W @ 4.5 V
11.4 m
W @ 10 V
RDS(on) MAX
ID MAX
V(BR)DSS
MOSFET
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
11.7 A
15.2 m
W @ 3.3 V
14.2 m
W @ 3.7 V
20 m
W @ 2.5 V
N−CHANNEL MOSFET
UDFN6
(
mCOOL])
CASE 517AU
AH = Specific Device Code
M = Date Code
G = Pb−Free Package
AHM
G
G
1
MARKING DIAGRAM
(Top View)
(Note: Microdot may be in either location)
D
S
G
PIN CONNECTIONS
Pin 1
D
S
1
2
3
6
5
4
D
D
S
D
D
G
D
S
40 m
W @ 1.8 V


Similar Part No. - NTLUS4C16NTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS4C12N ONSEMI-NTLUS4C12N Datasheet
129Kb / 6P
   Power MOSFET
September, 2013 ??Rev. 0
NTLUS4C12N ONSEMI-NTLUS4C12N Datasheet
90Kb / 6P
   Power MOSFET
December, 2014 ??Rev. 1
NTLUS4C12NTAG ONSEMI-NTLUS4C12NTAG Datasheet
129Kb / 6P
   Power MOSFET
September, 2013 ??Rev. 0
NTLUS4C12NTAG ONSEMI-NTLUS4C12NTAG Datasheet
90Kb / 6P
   Power MOSFET
December, 2014 ??Rev. 1
NTLUS4C12NTBG ONSEMI-NTLUS4C12NTBG Datasheet
129Kb / 6P
   Power MOSFET
September, 2013 ??Rev. 0
More results

Similar Description - NTLUS4C16NTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com