Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLUD3C20CZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLUD3C20CZ
Description  Small Signal MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUD3C20CZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTLUD3C20CZ Datasheet HTML 1Page - ON Semiconductor NTLUD3C20CZ Datasheet HTML 2Page - ON Semiconductor NTLUD3C20CZ Datasheet HTML 3Page - ON Semiconductor NTLUD3C20CZ Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTLUD3C20CZ
www.onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Ambient – Steady State, Minimum Pad (Note 1)
RqJA
89.3
°C/W
Junction−to−Ambient – t
v 5 s (Note 1)
54.6
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
FET
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
N
VGS = 0 V
ID = 250 mA
12
V
P
ID = −250 mA
−12
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS /
TJ
N
TBD
mV/
°C
P
TBD
Zero Gate Voltage Drain Current
IDSS
N
VGS = 0 V, VDS = 9.6 V
TJ = 25°C
1
mA
TJ = 125°C
10
P
VGS = 0 V, VDS = −9.6 V
TJ = 25°C
−1
mA
TJ = 125°C
−10
Gate−to−Source Leakage Current
IGSS
N
VDS = 0 V, VGS = ±8.0 V
±100
nA
P
±100
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
N
VGS = VDS
ID = 250 mA
0.4
1.0
V
P
ID = −250 mA
−0.4
−1.0
Negative Threshold Temperature
Coefficient
VGS(TH) / TJ
N
TBD
mV/
°C
P
TBD
Drain−to−Source On Resistance
RDS(on)
N
VGS = 4.5 V
ID = 5 A
18
23
m
W
VGS = 3.3 V
ID = 5 A
21
26
VGS = 2.5 V
ID = 4.6 A
25
31
VGS = 1.8 V
ID = 4 A
47
59
P
VGS = −4.5 V,
ID = −4 A
35
44
VGS = −3.3 V
ID = −4 A
44
55
VGS = −2.5 V,
ID = −3 A
60
75
VGS = −1.8 V
ID = −1 A
140
175
Forward Transconductance
gFS
N
VDS = 5 V
ID = 5 A
TBD
S
P
VDS = −5 V
ID = −4 A
TBD
CAPACITANCES
Input Capacitance
CISS
N
f = 1 MHz, VGS = 0 V
VDS = 9.6 V
1074
pF
Output Capacitance
COSS
147
Reverse Capacitance
CRSS
139
Input Capacitance
CISS
P
f = 1 MHz, VGS = 0 V
VDS = −9.6 V
1201
Output Capacitance
COSS
150
Reverse Capacitance
CRSS
145
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Switching characteristics are independent of operating junction temperatures


Similar Part No. - NTLUD3C20CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3C20CZ ONSEMI-NTLUD3C20CZ Datasheet
78Kb / 4P
   Small Signal MOSFET
July, 2016 ??Rev. P2
NTLUD3C20CZTAG ONSEMI-NTLUD3C20CZTAG Datasheet
78Kb / 4P
   Small Signal MOSFET
July, 2016 ??Rev. P2
NTLUD3C20CZTBG ONSEMI-NTLUD3C20CZTBG Datasheet
78Kb / 4P
   Small Signal MOSFET
July, 2016 ??Rev. P2
NTLUD3C20CZ ONSEMI-NTLUD3C20CZ_16 Datasheet
78Kb / 4P
   Small Signal MOSFET
July, 2016 ??Rev. P2
More results

Similar Description - NTLUD3C20CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com