Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLV17SZ08 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NLV17SZ08
Description  Single 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV17SZ08 Datasheet(HTML) 4 Page - ON Semiconductor

  NLV17SZ08 Datasheet HTML 1Page - ON Semiconductor NLV17SZ08 Datasheet HTML 2Page - ON Semiconductor NLV17SZ08 Datasheet HTML 3Page - ON Semiconductor NLV17SZ08 Datasheet HTML 4Page - ON Semiconductor NLV17SZ08 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NLV17SZ08
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−55
5C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
2.0
6.3
12
2.0
12.7
ns
RL = 1 MW, CL = 15 pF
1.8
2.0
6.2
10
2.0
10.5
RL = 1 MW, CL = 15 pF
2.5
± 0.2
0.8
3.4
7.0
0.8
7.5
RL = 1 MW, CL = 15 pF
3.3
± 0.3
0.5
2.6
4.7
0.5
5.0
RL = 500 W, CL = 50 pF
1.5
3.3
5.2
1.5
5.5
RL = 1 MW, CL = 15 pF
5.0
± 0.5
0.5
2.2
4.1
0.5
4.4
RL = 500 W, CL = 50 pF
0.8
2.7
4.5
0.8
4.8
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4.0
pF
CPD
Power Dissipation Capacitance
(Note 6)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
30
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 3. Switching Waveform
INPUT
RL
CL
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Test Circuit
tf = 3 ns
VCC
GND
90%
50%
10%
INPUT
A and B
tf = 3 ns
90%
50%
10%
OUTPUT
VCC
tPLH
tPHL
50%
50%
VOH
VOL
OUTPUT Y
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Tape and Reel Size
NLV17SZ08DFT2G*
SC−88A/SC−70−5/SOT−353
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn