Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLV17SZ08 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NLV17SZ08
Description  Single 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV17SZ08 Datasheet(HTML) 2 Page - ON Semiconductor

  NLV17SZ08 Datasheet HTML 1Page - ON Semiconductor NLV17SZ08 Datasheet HTML 2Page - ON Semiconductor NLV17SZ08 Datasheet HTML 3Page - ON Semiconductor NLV17SZ08 Datasheet HTML 4Page - ON Semiconductor NLV17SZ08 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NLV17SZ08
www.onsemi.com
2
PIN ASSIGNMENT
(SOT−353/SC70−5/SC−88A)
Pin
1
2
3
4
5
Function
IN B
IN A
GND
OUT Y
VCC
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = AB
Y
L
L
L
H
A
L
L
H
H
MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
−50
mA
IOK
DC Output Diode Current
VOUT < GND
−50
mA
IOUT
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance
(Note 1)
350
°C/W
PD
Power Dissipation in Still Air at 85
°C
186
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
2 kV
400 V
N/A
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn