Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL17SV04 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NL17SV04
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NL17SV04 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SV04
http://onsemi.com
3
DC CHARACTERISTICS – Digital Section (Voltages Referenced to GND)
Condition
VCC
TA = 25°C
TA = −40 to 85°C
Symbol
Parameter
Min
Max
Min
Max
Units
VIH
High Level
Input Voltage
0.90
1.10
≤ VCC ≤ 1.30
1.40
≤ VCC ≤ 1.60
1.65
≤ VCC ≤ 1.95
2.30
≤ VCC ≤ 2.70
2.70
≤ VCC ≤ 3.60
0.65 x VCC
0.65 x VCC
0.65 x VCC
0.65 x VCC
1.6
2.0
0.65 x VCC
0.65 x VCC
0.65 x VCC
0.65 x VCC
1.6
2.0
V
VIL
Low Level
Input Voltage
0.90
1.10
≤ VCC ≤ 1.30
1.40
≤ VCC ≤ 1.60
1.65
≤ VCC ≤ 1.95
2.30
≤ VCC ≤ 2.70
2.70
≤ VCC ≤ 3.60
0.35 x VCC
0.35 x VCC
0.35 x VCC
0.35 x VCC
0.7
0.8
0.35 x VCC
0.35 x VCC
0.35 x VCC
0.35 x VCC
0.7
0.8
V
VOH
High Level
Output Voltage
IOH = −100 mA
0.90
1.10
≤ VCC ≤ 1.30
1.40
≤ VCC ≤ 1.60
1.65
≤ VCC ≤ 1.95
2.30
≤ VCC ≤ 2.70
2.70
≤ VCC ≤ 3.60
VCC − 0.1
VCC − 0.1
VCC − 0.2
VCC − 0.2
VCC − 0.2
VCC − 0.2
VCC − 0.1
VCC − 0.1
VCC − 0.2
VCC − 0.2
VCC − 0.2
VCC − 0.2
V
IOH = −2.0 mA
1.10
≤ VCC ≤ 1.30
0.75 x VCC
0.75 x VCC
IOH = −4.0 mA
1.40
≤ VCC ≤ 1.60
0.75 x VCC
0.75 x VCC
IOH = −6.0 mA
1.65
≤ VCC ≤ 1.95
2.30
≤ VCC ≤ 2.70
1.25
2.0
1.25
2.0
IOH = −12 mA
2.30
≤ VCC ≤ 2.70
2.70 < VCC ≤ 3.60
1.8
2.2
1.8
2.2
IOH = −18 mA
2.30
≤ VCC ≤ 2.70
2.70 < VCC ≤ 3.60
1.7
2.4
1.7
2.4
IOH = −24 mA
2.70
≤ VCC ≤ 3.60
2.2
2.2
VOL
Low Level
Output Voltage
IOL = 100 mA
0.90
1.10
≤ VCC ≤ 1.30
1.40
≤ VCC ≤ 1.60
1.65
≤ VCC ≤ 1.95
2.30
≤ VCC ≤ 2.70
2.70
≤ VCC ≤ 3.60
0.1
0.1
0.2
0.2
0.2
0.2
0.1
0.1
0.2
0.2
0.2
0.2
V
IOL = 2.0 mA
1.10
≤ VCC ≤ 1.30
0.25 x VCC
0.25 x VCC
IOL = 4.0 mA
1.40
≤ VCC ≤ 1.60
0.25 x VCC
0.25 x VCC
IOL = 6.0 mA
1.65
≤ VCC ≤ 1.95
0.3
0.3
IOL = 12 mA
2.30
≤ VCC ≤ 2.70
2.70 < VCC ≤ 3.60
0.4
0.4
0.4
0.4
IOL = 18 mA
2.30
≤ VCC ≤ 2.70
2.70 < VCC ≤ 3.60
0.6
0.4
0.6
0.4
IOL = 24 mA
2.70
≤ VCC ≤ 3.60
0.55
0.55
IIN
Input
Leakage Current
0 = VI = 3.6 V
0.90 to 3.60
±0.1
±0.9
mA
IOFF
Power Off
Leakage Current
0
1
5
mA
ICC
Quiescent
Supply Current
VI = VCC or GND
0.90 to 3.60
0.9
5
mA


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn