Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL17SV04 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NL17SV04
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NL17SV04 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL17SV04
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Rating
Value
Units
VCC
DC Supply Voltage
−0.5 to +4.6
V
VI
DC Input Voltage
−0.5 to +4.6
V
VO
DC Output Voltage
−0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
VIN < 0 V
−50
mA
IOK
DC Output Diode Current
VOUT < 0 V
VOUT > VCC
−50
+50
mA
IO
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±50
mA
IGND
DC Ground Current per Ground Pin
±50
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1.0 mm from Case for 10 seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance (Note 1)
250
°C/W
PD
Power Dissipation in Still Air at 85
°C
250
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen index: 28 to 34
UL 94 V−0 @ 0125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
4000
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
Positive DC Supply Voltage
0.9
3.6
V
VIN
Digital Input Voltage
0
3.6
V
Vout
Output Voltage
0
VCC
V
IOH/IOL
Output Current
VCC = 3.0 V to 3.6 V
VCC = 2.3 V to 2.7 V
VCC = 1.65 V to 1.95 V
VCC = 1.4 V to 1.6 V
VCC = 1.1 V to 1.3 V
VCC = 0.9 V
±24
±18
±6
±4
±2
±0.1
mA
tA
Operating Temperature Range. All Package Types
−40
+85
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V ± 0.3 V
0
10
nS/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn