Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL17SV04 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NL17SV04
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NL17SV04 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 7
1
Publication Order Number:
NL17SV04XV5T2/D
NL17SV04
Single Inverter
The NL17SV04 is an ultra−high performance inverter manufactured
in 0.35
mm technology, with excellent performance down to 0.9 V.
This device is ideal for extremely high speed and high−drive
applications. Additionally, limitations of board space are no longer
a constraint. The very small SOT−553 makes this device fit most tight
designs and spaces.
Features
Extremely High Speed: tPD = 1.0 ns (Typ) @ VCC = 3.3 V
Designed for 0.9 to 3.6 V Operation
Overvoltage Tolerance (OVT)* Input Pins Permits Logic Translation
Balanced ±24 mA Output Drive @ VCC 3.3 Volts
Near Zero Static Supply Current
Ultra−Tiny SOT−553 5 Pin Package only 1.6 x 1.6 x 0.6 mm
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Cellular
Digital Camera
PDA
Digital Video
Industry Leadership
Functionally Similar to NC7SV04 and SN74AUC1G04
Figure 1. Logic Symbol
IN A
OUT Y
1
L
H
FUNCTION TABLE
Input A
Output Y
H
L
*Overvoltage Tolerance (OVT) enables input pins to function outside (higher) of
their operating voltages, with no damage to the devices or to signal integrity.
SOT−553
CASE 463B
1
5
MARKING
DIAGRAM
PIN DIAGRAM
VCC
NC
IN A
OUT Y
GND
1
2
34
5
Device
Package
Shipping†
ORDERING INFORMATION
NL17SV04XV5T2G
SOT−553
(Pb−Free)
4000 Tape & Reel
(178 mm)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
PIN #
FUNCTION
UL M
G
G
UL = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn