Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL17SV04 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NL17SV04
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NL17SV04 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NL17SV04
http://onsemi.com
5
AC LOADINGS AND WAVEFORMS
Figure 2. AC Test Circuit
INPUT
RL
CL
Figure 3. AC Waveforms
tr = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
50%
tPLH
tPHL
OUTPUT
INPUT
tf = 3 ns
90%
50%
10%
50%
OUTPUT
tw
Symbol
VCC
3.3 V
± 0.3 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
1.5 V
± 0.1 V
1.2 V
± 0.1 V
0.9 V
Vmi
1.5 V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
1.5 V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn