Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890430 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV890430
Description  Duty Cycle Step-Down Synchronous Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890430 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV890430 Datasheet HTML 1Page - ON Semiconductor NCV890430 Datasheet HTML 2Page - ON Semiconductor NCV890430 Datasheet HTML 3Page - ON Semiconductor NCV890430 Datasheet HTML 4Page - ON Semiconductor NCV890430 Datasheet HTML 5Page - ON Semiconductor NCV890430 Datasheet HTML 6Page - ON Semiconductor NCV890430 Datasheet HTML 7Page - ON Semiconductor NCV890430 Datasheet HTML 8Page - ON Semiconductor NCV890430 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCV890430
www.onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS
(VIN = 4.5 V to 28 V, EN = 5 V. Min/Max values are valid for the temperature range −40°C ≤ TJ ≤ 150°C unless noted otherwise,
and are guaranteed by test, design or statistical correlation.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
QUIESCENT CURRENT
Quiescent Current, Enabled
VIN = 13.2 V
IqEN
3.0
mA
Quiescent Current, Shutdown
VIN = 13.2 V, VEN = 0 V, 25 °C
IqSD
5.0
8.0
mA
UNDERVOLTAGE LOCKOUT − VIN
UVLO Start Threshold
VIN Rising
VUVLSTT
4.1
4.5
V
UVLO Stop Threshold
VIN Falling
VUVLSTP
3.2
3.5
V
SOFT-START
Soft-Start Completion Time
tSS
0.8
1.4
2.0
ms
OUTPUT VOLTAGE
Output Voltage during Regulation
100
mA < IOUT < 0.6 A
5.0 V Option
3.3 V Option
2.5 V Option
VOUTreg
4.9
3.234
2.45
5.0
3.3
2.5
5.1
3.366
2.55
V
OSCILLATOR
Frequency
4.5 V < VIN < 18 V
20 V < VIN < 28 V
fSW
fSW(HV)
1.8
0.9
2.0
1.0
2.2
1.1
MHz
VBAT OVERVOLTAGE SHUTDOWN MONITOR
Overvoltage Stop Threshold
VOV1SP
37
40
V
Overvoltage Start Threshold
VOV1ST
34.5
V
Overvoltage Hysteresis
VOV1HY
0.9
1.7
2.5
V
VIN FREQUENCY FOLDBACK MONITOR
Frequency Foldback Threshold
VIN Rising
VIN Falling
VFLDUP
VFLDDN
18.4
18
20
19.8
V
Frequency Foldback Hysteresis
VFLDHY
0.2
0.3
0.4
V
PEAK CURRENT LIMIT
Current Limit Threshold
ILIM
1.5
1.7
1.9
A
Low-Side Current Limit Threshold
VSW = 13.2 V
ILIMLS
1.2
1.6
2.0
A
POWER SWITCHES
High-Side Switch ON Resistance
RDSON−HS
1000
m
W
Low-Side Switch ON Resistance
RDSON−LS
550
m
W
Leakage Current VIN to SW
VSW = 0, −40_C ≤ TJ ≤ 85_C
ILKSWH
10
mA
Leakage Current SW to GND
VSW = VIN, −40_C ≤ TJ ≤ 85_C
ILKSWL
10
mA
Minimum ON Time
Measured at SW Pin
tONMIN
45
70
ns
Minimum OFF Time when Not 100% Duty
Cycle
Measured at SW Pin at fSW = 2 MHz
tOFFMIN
30
50
ns
Non-Overlap Time
tNOVLP
10
ns
SLOPE COMPENSATION
Ramp Slope (Note 2)
(With Respect to Switch Current)
4.5 V < VIN < 18 V
20 V < VIN < 28 V
Sramp
Sramp(HV)
1.05
0.5
1.5
0.75
1.95
1.0
A/
ms
SHORT CIRCUIT FREQUENCY FOLDBACK
Switching Frequency in Short-Circuit
Condition
Lowest Foldback Frequency
Lowest Foldback Frequency − High VIN
VOUT = 0 V, 4.5 V < VIN < 18 V
VOUT = 0 V, 20 V <VIN < 28V
fSWAF
fSWAFHV
450
225
550
275
650
325
kHz


Similar Part No. - NCV890430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430MW25TXG ONSEMI-NCV890430MW25TXG Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
NCV890430MW33TXG ONSEMI-NCV890430MW33TXG Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
NCV890430MW50TXG ONSEMI-NCV890430MW50TXG Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
NCV890430 ONSEMI-NCV890430_16 Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
More results

Similar Description - NCV890430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430_16 Datasheet
404Kb / 10P
   Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com