Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81252 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP81252
Description  Single-Phase Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81252 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP81252 Datasheet HTML 4Page - ON Semiconductor NCP81252 Datasheet HTML 5Page - ON Semiconductor NCP81252 Datasheet HTML 6Page - ON Semiconductor NCP81252 Datasheet HTML 7Page - ON Semiconductor NCP81252 Datasheet HTML 8Page - ON Semiconductor NCP81252 Datasheet HTML 9Page - ON Semiconductor NCP81252 Datasheet HTML 10Page - ON Semiconductor NCP81252 Datasheet HTML 11Page - ON Semiconductor NCP81252 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP81252
www.onsemi.com
8
Table 3. ELECTRICAL CHARACTERISTICS (VIN = 12 V, VCC = VCCP = 5 V, VOUT = 1.0 V, typical values are referenced to TJ =
25
°C, Min and Max values are referenced to TJ from −40°C to 125°C. unless otherwise noted.)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Conditions
ADC
Voltage Range
0
2.0
V
Total Unadjusted Error (TUE)
−1
1
%
Differential Nonlinearity (DNL)
8−bit
1
LSB
Power Supply Sensitivity
±1
%
Conversion Time
30
ms
Round Robin
90
ms
VR_READY (VRRDY Output)
Rise Time
External 1 k
W pull−up to 3.3 V,
CTOT = 45 pF,
DVo = 10% to 90%
120
ns
Fall Time
External 1 k
W pull−up to 3.3 V,
CTOT = 45 pF,
DVo = 90% to 10%
20
ns
Output Voltage at Power−Up
Pulled up to 5 V via 2 k
W
1.0
V
VR_READY Delay (Rising)
DAC = Target to VR_READY
50
ms
VR_READY Delay (Falling)
From OCP or OVP
5
ms
VRRDY Pin Low Voltage
Voltage at VRRDY pin with 4 mA sink
current
VPG_L
0.3
V
VRRDY Pin Leakage Current
VRRDY = 5 V
PG_LK
−1.0
1.0
mA
OVER VOLTAGE PROTECTION
Absolute Over Voltage Threshold
During Soft−Start
2.8
2.9
3.0
V
Over Voltage Threshold Above DAC
VSP rising
350
400
425
mV
Over Voltage Delay
VSP rising to GH low
50
ns
UNDER VOLTAGE PROTECTION
Under Voltage Threshold Below DAC
VSP falling
250
300
350
mV
Under−voltage Delay
5
ms
OVER CURRENT PROTECTION
ILIM Threshold Current
(OCP shutdown after 50
ms delay)
ILIMTH_SLOW
8.5
10.0
12.0
mA
ILIM Threshold Current
(immediate OCP shutdown)
ILIMTH_FAST
12.0
15.0
18.0
mA
IOUT OUTPUT
Current Gain
(IOUTCURRENT) / (ILIMCURRENT);
RILIM = 20 k
W; RIOUT = 5.0 kW;
DAC = 0.8 V, 1.25 V, 1.52 V
9.5
10
10.5
A/A
Input Referred Offset Voltage
ILIM − CSREF
−5.5
5.5
mV
Output Source Current
ILIM sink current = 80
mA
800
mA
HIGH−SIDE MOSFET
Drain−to−Source ON Resistance
VGS = 4.5 V, ID = 10 A
RON_H
8.0
m
W
LOW−SIDE MOSFET
Drain−to−Source ON Resistance
VGS = 4.5 V, ID = 10 A
RON_L
4.0
m
W
5. Guaranteed by design, not tested in production.
6. TJ = 25°C.


Similar Part No. - NCP81252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81253 ONSEMI-NCP81253 Datasheet
91Kb / 10P
   5 V MOSFET Driver Compatible
December, 2014 ??Rev. 0
More results

Similar Description - NCP81252

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81561 ONSEMI-NCP81561 Datasheet
239Kb / 12P
   Single-Phase Voltage Regulator for Computing Applications
May, 2022 - Rev. 0
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
ON Semiconductor
NCP81568 ONSEMI-NCP81568 Datasheet
257Kb / 17P
   Single‐Phase Voltage Regulator with SVID Interface for Computing Applications
July, 2023 - Rev. 0
NCP81149 ONSEMI-NCP81149 Datasheet
389Kb / 18P
   Single-Phase Voltage Regulator with SVID Interface for Computing Applications
September, 2015 - Rev. 3
logo
STMicroelectronics
PM6652 STMICROELECTRONICS-PM6652 Datasheet
1Mb / 53P
   Single-phase controller for Intel MVP 6.5 render voltage regulator,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com