Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11C90 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C90
Description  650 MHz Prescalers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C90 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  11C90 Datasheet HTML 1Page - National Semiconductor (TI) 11C90 Datasheet HTML 2Page - National Semiconductor (TI) 11C90 Datasheet HTML 3Page - National Semiconductor (TI) 11C90 Datasheet HTML 4Page - National Semiconductor (TI) 11C90 Datasheet HTML 5Page - National Semiconductor (TI) 11C90 Datasheet HTML 6Page - National Semiconductor (TI) 11C90 Datasheet HTML 7Page - National Semiconductor (TI) 11C90 Datasheet HTML 8Page - National Semiconductor (TI) 11C90 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
Above which the useful life may be impaired
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Maximum Junction Temperature (TJ)
a
150 C
Supply Voltage Range
b
70V to GND
Input Voltage (DC)
VEE to GND
Output Current (DC Output HIGH)
b
50 mA
Operating Range
b
57V to b47V
Lead Temperature
(Soldering 10 sec)
300 C
Recommended Operating
Conditions
Min
Typ
Max
Ambient Temperature (TA)
Commercial
0 C
a
75 C
Military
b
55 C
a
125 C
Supply Voltage (VEE)
Commercial
b
57V
b
52V
b
47V
Military
b
57V
b
52V
b
47V
TTL InputOutput Operation
DC Electrical Characteristics
Over Operating Temperature and Voltage Range unless otherwise noted Pins 12 and 13 e GND
Symbol
Parameter
Min
Typ
Max
Units
Conditions
(Note 3)
VIH
Input HIGH Voltage
41
V
Guaranteed Input HIGH Threshold
M1 and M2 Inputs
Voltage (Note 4) VCC e VCCA e 50V
VIL
Input LOW Voltage
33
V
Guaranteed Input LOW Threshold
M1 and M2 Inputs
Voltage (Note 4) VCC e VCCA e 50V
VOH
Output HIGH Voltage
23
33
V
VCC e VCCA e Min
QTTL Output
IOH eb640 mA
VOL
Output LOW Voltage
02
05
V
VCC e VCCA e Min
QTTL Output
IOL e 200 mA
IIL
Input LOW Current
b
23
b
50
mA
VCC e VCCA e Max
M1 and M2 Inputs
VIN e 04V Pins 6 7 e VCC
ISC
Output Short Circuit
b
20
b
35
b
80
mA
VCC e VCCA e Max
Current
VOUT e 00V Pin 14 e VCC
AC Electrical Characteristics
VCC e VCCA e 50V Nominal VEE e GND TA ea25 C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tPLH
Propagation Delay (50% to 50%)
610
14
ns
See
Figure 1
tPHL
CP to QTTL
tPLH
Propagation Delay (50% to 50%)
12
17
ns
MS to QTTL
ts
Mode Control Setup Time
4
2
ns
th
Mode Control Hold Time
0
b
2ns
tTLH
Output Rise Time
10
ns
(20% to 80%)
tTHL
Output Fall Time
2ns
(80% to 20%)
fMAX
Count Frequency
550
650
MHz
b
55 Cto a125 C
600
650
0 Cto a75 C
Clock Input AC Coupled
350 mV Peak-to-Peak
Sinewave (Note 5)
2


Similar Part No. - 11C90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
National Semiconductor ...
11C06 NSC-11C06 Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C06DCQR NSC-11C06DCQR Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C06FCQR NSC-11C06FCQR Datasheet
117Kb / 6P
   750 MHz D-Type Flip-Flop
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
More results

Similar Description - 11C90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
   130/225 MHz Low Power Prescalers
logo
Fujitsu Component Limit...
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
logo
NEC
UPB553AC NEC-UPB553AC Datasheet
201Kb / 4P
   150 MHz DIVIDE-BY-16/17 LOW POWER PRESCALERS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1873A TAI-SAW-TA1873A Datasheet
238Kb / 7P
   SAW Filter 650 MHz
logo
Cypress Semiconductor
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
   Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
logo
M/A-COM Technology Solu...
MAFL-010608 MA-COM-MAFL-010608 Datasheet
760Kb / 6P
   MoCA BPF 650-875 MHz
logo
Zarlink Semiconductor I...
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
   6 GHz Fixed Modulus Prescalers
logo
National Semiconductor ...
DS8673 NSC-DS8673 Datasheet
97Kb / 4P
   Low Power VHF/UHF Prescalers
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
   650 MHz-3 GHz Directional Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com