Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
SUT483J Datasheet(PDF) 4 Page - AUK corp
Part No.
SUT483J
Description
NPN/PNP
Epitaxial
Planar
Silicon
Transistor
Download
5 Pages
Scroll/Zoom
100%
Maker
AUK [AUK corp]
Homepage
https:www.auk.co.kr
Logo
SUT483J Datasheet(HTML) 4 Page - AUK corp
zoom in
zoom out
4
/ 5 page
KST-6001-004
4
SUT483J
Electrical Characteristic Curves
Fig. 4 V
CE(sat)
-I
C
Fig. 3 h
FE
-I
C
Html Pages
1
2
3
4
5
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
2SC6015
NPN
Epitaxial
Planar
Silicon
Transistor
DC
/
DC
Converter
Applications
1
2
3
4
Sanyo Semicon Device
UNR31A1
Silicon
PNP
epitaxial
planar
transistor
1
2
3
Panasonic Semiconductor
BTB1236AL3
Silicon
PNP
Epitaxial
Planar
Transistor
1
2
3
4
Cystech Electonics Corp.
BTD1857AT3
Silicon
NPN
Epitaxial
Planar
Transistor
1
2
3
4
Cystech Electonics Corp.
SUR530H
Epitaxial
planar
PNP
silicon
transistor
1
2
3
AUK corp
SUR547J
Epitaxial
planar
PNP
silicon
transistor
1
2
3
AUK corp
CMBT4401
SILICON
PLANAR
EPITAXIAL
TRANSISTOR
1
2
3
Continental Device India Limited
CSA733
PNP
SILICON
PLANAR
EPITAXIAL
TRANSISTOR
1
2
3
4
Continental Device India Limited
PZT2222A
NPN
Silicon
Planar
Epitaxial
Transistor
1
2
3
4
Weitron Technology
LLE18150X
NPN
silicon
planar
epitaxial
microwave
power
transistor
1
2
3
4
5
More
NXP Semiconductors
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn