Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCSV49-1R2_-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSV49-1R2_-RC
Description  SMD SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSV49-1R2_-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSV49-1R2_-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
5
RDC
(mΩ)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
06/11/2015
Khz, 1V
*Insert letter for desired tolerance. M=±20%, T=±30%
Irms
PCSV49-1R2_-RC
1.2
M,T
100
30
3.30
Features
• Magnetically Shielded Construction
Electrical
Test Equipment
Physical
Packaging: 500 per 7” Tape and reel
• High Current
Inductance Range: 1.2µh ~ 22µh (other
Tolerance: Available in M=20% and T=30%
Operating Temp: -40ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L):
HP4287A + Agilent/HP16197A
(RDC): Chroma MilliOhm Meter Mode16502
Current:
HP4284A + HP42841A
Marking: EIA Inductance Code
PCSV49
(A)
Isat
(A)
3.50
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCSV49-3R3_-RC
3.3
M,T
100
45
2.50
2.50
PCSV49-4R7_-RC
4.7
M,T
100
60
1.80
1.80
typical at 25ºC Ambient.
±20%
Typ.
Typ.
Marking
1R2
3R3
4R7
.157±.008
(4.0±0.2)
PCSV49-220_-RC
M,T
100
230
1.00
0.86
220
22
insert letter for required tolerance
• Low DC Resistence
• Ultra Low Profile .102” / 2.6mm HT
Inductance vs. DC Current
0
5
10
15
20
25
0
1
2
3
4
5
DC Current(A)
4R7
1R2
3R3
220
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
1
2
3
4
5
DC Current(A)
220
4R7
3R3
1R2
All specifications subject to change without notice.
Dimensions:
Inches
(mm)
.157±.008
(4.0±0.2)
.102±.008
(2.6±0.2)
.055
(1.4)
.055
(1.4)


Similar Part No. - PCSV49-1R2_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV48-100M-RC ALLIED-PCSV48-100M-RC Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV48-101M-RC ALLIED-PCSV48-101M-RC Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV48-150M-RC ALLIED-PCSV48-150M-RC Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV48-151M-RC ALLIED-PCSV48-151M-RC Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCSV49-1R2_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
   SMD Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
   SMD SHIELDED POWER CHIP INDUCTOR
PCIA49 ALLIED-PCIA49 Datasheet
522Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com