Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2400 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK2400
Description  High integrated receiver for PMR-LMR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2400 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK2400 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2400 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
[AK2400]
014008989-E-01
7
2015/4
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Remarks
Supply Voltage
VDD1
-0.3
6.5
V
Note 1
CPVDD
-0.3
6.5
V
MIXVDD
-0.3
5.5
V
DVDD
-0.3
6.5
V
Ground level
VSS
0
0
V
Analog Input Voltage
VAIN
-0.3
VDD1+0.3
CPVDD+0.3
MIXVDD+0.3
V
Note 1
Digital Input Voltage
VDIN
-0.3
DVDD+0.3
V
Input Current
(Except power supply pin)
IIN
-10
+10
mA
RF Input Power
RFPOW
12
dBm
LO Input Power
LOPOW
12
dBm
Storage Temperature
Tstg
-55
125
Note 1 VDD1 is applied to PVDD, AVDD, ADVDD pins
Note 2 All voltages are relative to the VSS pin.
Note 3 Exceeding these maximum ratings may result in damage to the AK2400. Normal operation is not
guaranteed at these extremes.
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Ta
-40
85
C
Power Supply voltage
VDD1
PVDD, AVDD, ADVDD
DVDD
3.0
5.5
V
CPVDD
VDD1
5.0
5.5
V
MIXVDD
VDD1
5.0
5.5
V
DVDD
2.7
3.0
5.5
V
Analog Reference Voltage
AGND
AGNDOUT
1/2VREFA
V
Note )
All voltages are relative to the VSS pin.


Similar Part No. - AK2400

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Similar Description - AK2400

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF410A ACT-ACTF410A Datasheet
96Kb / 3P
   Mobile Radio - FRS & PMR
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
Exar Corporation
XRT7295E EXAR-XRT7295E Datasheet
1Mb / 16P
   INTEGRATED LINE RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
Advanced Crystal Techno...
ACTF410B ACT-ACTF410B Datasheet
96Kb / 3P
   FRS & PMR mobile radio applications
SEPT 04
logo
Delta Electronics, Inc.
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com