Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUR506EF Datasheet(PDF) 2 Page - AUK corp

Part No. SUR506EF
Description  Epitaxial Planar Type PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUR506EF Datasheet(HTML) 2 Page - AUK corp

  SUR506EF Datasheet HTML 1Page - AUK corp SUR506EF Datasheet HTML 2Page - AUK corp SUR506EF Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-J004-001
2
SUR506EF
Absolute maximum ratings (Tr1, Tr2)
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Out Voltage
VO
-50
V
Input Voltage
VI
-12
V
Out Current
IO
-100
mA
Power Dissipation
PD
100
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Electrical Characteristics(Tr1, Tr2 : PNP)
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Output Cut-off Current
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
GI
VO=-5V, IO=-10mA
80
200
-
-
Output Voltage
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-
-1.1
V
Input Voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-0.4
-
-
V
Transition Frequency
fT
*
VO=-10V, IO=-5mA
-
200
-
MHz
Input Current
II
VI=-5V
-
-
-3.6
mA
* : Characteristic of Transistor Only


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn