Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF621EF Datasheet(PDF) 1 Page - AUK corp

Part # SUF621EF
Description  N-Channel Enhancement-Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUF621EF Datasheet(HTML) 1 Page - AUK corp

  SUF621EF Datasheet HTML 1Page - AUK corp SUF621EF Datasheet HTML 2Page - AUK corp SUF621EF Datasheet HTML 3Page - AUK corp SUF621EF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-J017-000
1
SUF621EF
N-Channel Enhancement-Mode MOSFET
S
Seem
miiccoon
nd
du
uccttoorr
Description
• High speed switching application.
• Analog switch application.
Features
• 2.5V Gate drive.
• Low threshold voltage : Vth = 0.5~1.5V.
• Two STK1828 Chips in SOT-563F Package.
Ordering Information
Type NO.
Marking
Package Code
SUF621EF
H
SOT-563F
Outline Dimensions
unit : mm
PIN Connections
1. Source 1
2. Gate 1
3. Drain 2
4. Source 2
5. Gate 2
6. Drain1
4
5
6
3
2
1
Q1
Q2


Similar Part No. - SUF621EF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF620EF AUK-SUF620EF Datasheet
316Kb / 4P
   P-Channel Enhancement-Mode MOSFET
SUF622EF AUK-SUF622EF Datasheet
397Kb / 5P
   N-Ch/P-Ch Enhancement-Mode MOSFET
SUF623N AUK-SUF623N Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
More results

Similar Description - SUF621EF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com