Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSP096-AHBN2 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part No. FSP096-AHBN2
Description  Meet Energy Star EPS2.0/ErP lot 7
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FSP [FSP TECHNOLOGY INC.]
Homepage  http://www.fsp-group.com/
Logo 

FSP096-AHBN2 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
12V/ 96 wats/ C 6 AC inlet with 25.4 mm height
FEATURES
Meet Energy Star EPS2.0/ErP lot 7
Meet DOE Level VI
High Altitude 5,000M
Semi Slim Size- Height 25.4 mm
High Reliability
EMC Standard: EN55022 C LASS B / EN55024 C LASS B
Over C urrent Protection
Over Temperature Protection
Over Voltage Protection
With PFC C ircuit
W ATTAGE
Wattage:
96W
PRODUCT HIGHLIGHT
V-Output:
12
O/P Current:
8.0
Socket Ty pe:
C 6
INPUT ELECTRICAL
Input Voltage:
90 ~ 264 V
Input F requency :
47 ~ 63 Hz
SAFETY STANDARD APPAOVAL
ENVIRONMENTAL REQUIREMENTS
Altitude :
5000 M
MECHANICAL
LED Indicator:
No
On/ Off Switch: No
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Adapter
FSP096-AHBN2


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn