Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100363 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100363
Description  Low Power Dual 8-Input Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100363 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100363 Datasheet HTML 1Page - National Semiconductor (TI) 100363 Datasheet HTML 2Page - National Semiconductor (TI) 100363 Datasheet HTML 3Page - National Semiconductor (TI) 100363 Datasheet HTML 4Page - National Semiconductor (TI) 100363 Datasheet HTML 5Page - National Semiconductor (TI) 100363 Datasheet HTML 6Page - National Semiconductor (TI) 100363 Datasheet HTML 7Page - National Semiconductor (TI) 100363 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100363
Low Power Dual 8-Input Multiplexer
General Description
The 100363 is a dual 8-input multiplexer. The Data Select
(S
n) inputs determine which bit (An and Bn) will be presented
at the outputs (Z
a and Zb respectively). The same bit (0– 7)
will be selected for both the Z
a and Z b output. All inputs have
50 k
Ω pulldown resistors.
Features
n 50% power reduction of the 100163
n 2000V ESD protection
n Pin/function compatible with 100163
n Voltage compensated operating range = −4.2V to −5.7V
n Standard Microcircuit Drawing
(SMD) 5962-9165501
Logic Symbol
Pin Names
Description
S
0–S2
Data Select Inputs
A
0–A7
A Data Inputs
B
0–B7
B Data Inputs
Z
a,Zb
Data Outputs
Connection Diagrams
DS100310-1
24-Pin Quad Cerpak
DS100310-3
24-Pin DIP
DS100310-2
August 1998
© 1998 National Semiconductor Corporation
DS100310
www.national.com


Similar Part No. - 100363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100363 FAIRCHILD-100363 Datasheet
74Kb / 7P
   Low Power Dual 8-Input Multiplexer
logo
FCI connector
10036312 FCI-CONNECTOR-10036312 Datasheet
222Kb / 2P
   SAS RECEPTACLE HYBRID TYPE ASSY
10036312-001LF FCI-CONNECTOR-10036312-001LF Datasheet
222Kb / 2P
   SAS RECEPTACLE HYBRID TYPE ASSY
10036312-002LF FCI-CONNECTOR-10036312-002LF Datasheet
222Kb / 2P
   SAS RECEPTACLE HYBRID TYPE ASSY
10036355 FCI-CONNECTOR-10036355 Datasheet
252Kb / 2P
   SAS RECEPTACLE VERTICAL SMT TYPE ASSY
More results

Similar Description - 100363

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100363 FAIRCHILD-100363 Datasheet
74Kb / 7P
   Low Power Dual 8-Input Multiplexer
logo
National Semiconductor ...
F100363 NSC-F100363 Datasheet
162Kb / 6P
   LOW POWER DUAL 8-INPUT MULTIPLEXER
logo
Micrel Semiconductor
SY100S363 MICREL-SY100S363_07 Datasheet
87Kb / 4P
   DUAL 8-INPUT MULTIPLEXER
SY100S363 MICREL-SY100S363_06 Datasheet
94Kb / 7P
   DUAL 8-INPUT MULTIPLEXER
SY100S363 MICREL-SY100S363 Datasheet
108Kb / 6P
   DUAL 8-INPUT MULTIPLEXER
logo
Fairchild Semiconductor
74LVQ151 FAIRCHILD-74LVQ151 Datasheet
67Kb / 6P
   Low Voltage 8-Input Multiplexer
logo
ON Semiconductor
SN74LS153 ONSEMI-SN74LS153 Datasheet
74Kb / 8P
   Dual 4-Input Multiplexer LOW POWER SCHOTTKY
October, 2001 ??Rev. 7
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com