Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5771QA Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV5771QA
Description  Step-down Voltage Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5771QA Datasheet(HTML) 2 Page - ON Semiconductor

  LV5771QA Datasheet HTML 1Page - ON Semiconductor LV5771QA Datasheet HTML 2Page - ON Semiconductor LV5771QA Datasheet HTML 3Page - ON Semiconductor LV5771QA Datasheet HTML 4Page - ON Semiconductor LV5771QA Datasheet HTML 5Page - ON Semiconductor LV5771QA Datasheet HTML 6Page - ON Semiconductor LV5771QA Datasheet HTML 7Page - ON Semiconductor LV5771QA Datasheet HTML 8Page - ON Semiconductor LV5771QA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LV5771QA
No.A2178-2/12
Recommendation Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VIN
8 to 42
V
Error amplifier input voltage
VFB
0 to 1.6
V
Electrical Characteristics
at Ta
= 25°C, VIN = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage block
5V power supply
VDD
IOUT = 0 to 5mA
4.7
5.2
5.7
V
Internal reference voltage
VREF
Including offset of E/A
0.69
0.7
0.71
V
Triangular waveform oscillator block
Oscillation frequency1
FOSC1
VIN = 12V (≈8V to 18V)
870
1000
1130
kHz
Oscillation frequency2
FOSC2
VIN = 24V (≈18V to 30V)
1/2
×
FOSC1
kHz
Oscillation frequency3
FOSC3
VIN = 36V (≈30V to 42V)
1/3
×
FOSC1
kHz
Oscillation
Fold back sense voltage
VOSC_FB
After power is supplied to SS, voltage is
detected FB
0.5
V
Oscillation frequency after fold
back
FOSC_FB
100
150
200
kHz
Maximum ON duty
DMAX
75
%
ON/OFF circuit block
EN ON voltage
VEN_ON
VIN = 8 to 42V
3.4
4.3
V
EN OFF voltage
VEN_OFF
VIN = 8 to 42V
1.0
1.2
V
Soft Start circuit block
Soft start source current
ISS_SC
EN
> 5V, SS = 0V
4
5
6
μA
Soft start sink current
ISS_SK
EN
< 1V, VDD = 5V, SS = 1V
2
mA
Voltage to end the soft start
function
VSS_END
0.7
0.9
1.1
V
UVLO circuit block
UVLO lock release voltage
VUVLO
7.0
7.4
7.8
V
UVLO hysteresis
VUVLO_H
0.6
V
Error amplifier
Input bias current
IEA_IN
100
nA
Error amplifier trans
conductance
GEA
1000
1400
1800
μA/V
Sink output current
IEA_OSK
FB = 1.0V
-100
μA
Source output current
IEA_OSC
FB = 0V
100
μA
Over current limiter circuit block1
Over current detection
comparator 1 Offset voltage
VSNS_OCP
(R6 = 20m
Ω)
43.5
46
48.5
mV
Over current limiter circuit block2
Reference current
ILIM
-10%
20
+10%
μA
Over current detection
comparator 2 Offset voltage
VLIM_OFS
-5
+5
mV
Over current detection
comparator 2 common mode
input voltage
VIN-0.45
VIN
V
Over voltage protection circuit block1
Over voltage detection voltage
VSNS_OCP
6.7
V
Over voltage detection voltage
VSNS_COM
6.7
V
Over voltage protection circuit block2
Over voltage detection voltage 2
VSDIN
0.7
V
Continued on next page.


Similar Part No. - LV5771QA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5710GP SANYO-LV5710GP Datasheet
103Kb / 6P
   For camera sensor Power supply for charge pump
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
LV5710GP-TE-L-H ONSEMI-LV5710GP-TE-L-H Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
Sanyo Semicon Device
LV5710V SANYO-LV5710V Datasheet
78Kb / 6P
   Bi-CMOS LSI For camera sensor Power supply for charge pump
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results

Similar Description - LV5771QA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576 UTC-P2576 Datasheet
295Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com