Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100355 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100355
Description  Low Power Quad Multiplexer/Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100355 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 100355 Datasheet HTML 2Page - National Semiconductor (TI) 100355 Datasheet HTML 3Page - National Semiconductor (TI) 100355 Datasheet HTML 4Page - National Semiconductor (TI) 100355 Datasheet HTML 5Page - National Semiconductor (TI) 100355 Datasheet HTML 6Page - National Semiconductor (TI) 100355 Datasheet HTML 7Page - National Semiconductor (TI) 100355 Datasheet HTML 8Page - National Semiconductor (TI) 100355 Datasheet HTML 9Page - National Semiconductor (TI) 100355 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Test Circuit
Switching Waveforms
DS100294-6
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1 and L2 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
Pin numbers shown are for flatpak; for DIP see logic symbol
FIGURE 1. AC Test Circuit
(Using Quad Cerpak)
DS100294-7
FIGURE 2. Enable Timing
www.national.com
6


Similar Part No. - 100355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100355 FAIRCHILD-100355 Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
[Old version datasheet]   Low Power Quad Multiplexer/Latch
logo
Fairchild Semiconductor
100355PC FAIRCHILD-100355PC Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
100355QC FAIRCHILD-100355QC Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
100355QI FAIRCHILD-100355QI Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
More results

Similar Description - 100355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100355 FAIRCHILD-100355 Datasheet
88Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
[Old version datasheet]   Low Power Quad Multiplexer/Latch
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
114Kb / 7P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_06 Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
logo
ON Semiconductor
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
   Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com