Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502MILF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 502MILF
Description  Packaged as 8-pin SOIC or die
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

502MILF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  502MILF Datasheet HTML 1Page - List of Unclassifed Manufacturers 502MILF Datasheet HTML 2Page - List of Unclassifed Manufacturers 502MILF Datasheet HTML 3Page - List of Unclassifed Manufacturers 502MILF Datasheet HTML 4Page - List of Unclassifed Manufacturers 502MILF Datasheet HTML 5Page - List of Unclassifed Manufacturers 502MILF Datasheet HTML 6Page - List of Unclassifed Manufacturers 502MILF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS502
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS502
REV M 051310
AC Electrical Characteristics
VDD = 5.0 V ±5%
, Ambient Temperature -40 to +85
° C, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
527
MHz
Input Frequency, clock input
FIN
250
MHz
Output Frequency, VDD = 4.5 to 5.5V
FOUT
0 to +70
° C
14
160
MHz
Output Frequency, VDD = 3.0 to 3.6V
-40 to +85
° C
14
120
MHz
Output Frequency, VDD = 4.5 to 5.5V
FOUT
+25
° C
14
190
MHz
Output Frequency, VDD = 3.0 to 3.6V
+25
° C
14
140
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0V
1
ns
Output Clock Duty Cycle
tOD
1.5V, up to 160 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to
output on
50
ns
Output Disable Time, OE low to
tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from mean
+70
ps
One Sigma Clock Period Jitter
tjs
25
ps


Similar Part No. - 502MILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
502MILF IDT-502MILF Datasheet
120Kb / 7P
   LOCO PLL CLOCK MULTIPLIER
502MILFT IDT-502MILFT Datasheet
120Kb / 7P
   LOCO PLL CLOCK MULTIPLIER
More results

Similar Description - 502MILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
   Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
   Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
   Packaged in 8-pin SOIC
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
   Packaged in 8-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
   Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
   Packaged in 16-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
   Packaged in 16-pin SOIC
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
   8-pin SOIC package
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
   8 PIN SOIC PACKAGE OUTLINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com