Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2LS-0509S-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM2LS-0509S-NZ
Description  Input / Output Isolation 1500 and 3000 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LS-0509S-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM2LS-0509S-NZ Datasheet HTML 1Page - AIMTEC AM2LS-0509S-NZ Datasheet HTML 2Page - AIMTEC AM2LS-0509S-NZ Datasheet HTML 3Page - AIMTEC AM2LS-0509S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM2LS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
1 of 4
North America only
FEATURES:
• SMD Package
• Single Output Models
• Efficiency up to 86%
• Operating temperature -40oC to +105oC
• Unregulated
• Input / Output Isolation 1500 & 3000 VDC
• Industry Standard Pinout • Continuous Short Circuit Protection for 1500VDC
models only
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current Max
(mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM2LS-0503S-NZ
4.5-5.5
3.3
400
1500
220
78
AM2LS-0505S-NZ
4.5-5.5
5
400
1500
220
79
AM2LS-0509S-NZ
4.5-5.5
9
222
1500
220
82
AM2LS-0512S-NZ
4.5-5.5
12
167
1500
220
82
AM2LS-0515S-NZ
4.5-5.5
15
133
1500
220
83
AM2LS-1205S-NZ
10.8-13.2
5
400
1500
220
79
AM2LS-1209S-NZ
10.8-13.2
9
222
1500
220
82
AM2LS-1212S-NZ
10.8-13.2
12
167
1500
220
82
AM2LS-1215S-NZ
10.8-13.2
15
133
1500
220
83
AM2LS-1224S-NZ
10.8-13.2
24
83
1500
220
84
AM2LS-1515S-NZ
13.5-16.5
15
133
1500
220
83
AM2LS-2405S-NZ
21.6-26.4
5
400
1500
220
79
AM2LS-2409S-NZ
21.6-26.4
9
222
1500
220
82
AM2LS-2412S-NZ
21.6-26.4
12
167
1500
220
82
AM2LS-2415S-NZ
21.6-26.4
15
133
1500
220
83
AM2LS-2424S-NZ
21.6-26.4
24
83
1500
220
86
AM2LS-0505SH30-NZ
4.5-5.5
5
400
3000
220
79
AM2LS-0509SH30-NZ
4.5-5.5
9
222
3000
220
82
AM2LS-0512SH30-NZ
4.5-5.5
12
167
3000
220
82
AM2LS-0515SH30-NZ
4.5-5.5
15
133
3000
220
83
AM2LS-1205SH30-NZ
10.8-13.2
5
400
3000
220
79
AM2LS-1212SH30-NZ
10.8-13.2
12
167
3000
220
82
AM2LS-1215SH30-NZ
10.8-13.2
15
133
3000
220
83
AM2LS-1224SH30-NZ
10.8-13.2
24
83
3000
220
84
AM2LS-1515SH30-NZ
13.5-16.5
15
133
3000
220
83
AM2LS-2405SH30-NZ
21.6-26.4
5
400
3000
220
79
AM2LS-2412SH30-NZ
21.6-26.4
12
167
3000
220
82
AM2LS-2415SH30-NZ
21.6-26.4
15
133
3000
220
83
AM2LS-2424SH30-NZ
21.6-26.4
24
83
3000
220
84
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
15
24
4.5-5.5
10.8-13.2
13.5-16.5
21.6-26.4
VDC
Quiescent Current
5
12
15
24
30
25
18
15
mA
Reflected Input Ripple Current
15
mA
Absolute Max Input (1sec max)
5 Vin
12 Vin
15 Vin
24 Vin
9
18
21
30
VDC
Filter
Capacitor
Click on Series name for product info on aimtec.com


Similar Part No. - AM2LS-0509S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LS-0509S-NZ AIMTEC-AM2LS-0509S-NZ Datasheet
200Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2LS-0509S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6GH-Z AIMTEC-AM6GH-Z Datasheet
229Kb / 5P
   Input / Output Isolation 1500 and 3000 VDC
AM3TI-RZ AIMTEC-AM3TI-RZ Datasheet
217Kb / 6P
   Input / Output Isolation 1500 or 3000 VDC
AM3TIW-RZ AIMTEC-AM3TIW-RZ Datasheet
205Kb / 5P
   Input / Output Isolation 1500 or 3000 VDC
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
AM3N-D-R-Z AIMTEC-AM3N-D-R-Z Datasheet
504Kb / 4P
   Input / Output Isolation 1000, 3000 and 5200VDC
logo
Texas Instruments
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
[Old version datasheet]   1500 VDC Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com