Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP060-DIBAN2 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP060-DIBAN2
Description  IPC systems, Embedded systems
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP060-DIBAN2 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP060-DIBAN2 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This product is a 60 watts AC to DC power supply intended
for use in IPC systems, embedded systems. This adapter
operates at 90 to 264 VAC input voltage that have a
middle wattage demands. The unit meets EN55022,
EN55024 and FC C class B emission limits, and is designed
for ITE application.
APPLICATION
IPC systems, Embedded systems
FEATURES
Meet Energy Star EPS2.0/ErP lot 7
Meet DOE Level VI
High Altitude 5,000M
High Reliability
EMC Standard: EN55022 C LASS B / EN55024 C LASS B
Over C urrent Protection
Over Temperature Protection
Over Voltage Protection
W ATTAGE
Wattage:
60W
PRODUCT HIGHLIGHT
V-Output:
12V
O/P Current:
5A
Socket Ty pe:
C 14
INPUT ELECTRICAL
Input Voltage:
90 ~ 264 V
Input F requency :
47 ~ 63 Hz
OUTPUT ELECTRICAL
Single Output:
12 V/ 5 A
SAFETY STANDARD APPAOVAL
NO LOAD AND EFFICIENCY
No Load:
0.21 Watts
Efficiency :
87 %
PROTECTION
Protection:
OVP,OC P,OTP
ENVIRONMENTAL REQUIREMENTS
TEMP. Range:
Storage : -30 to + 60
Altitude :
5000 M
MTBF :
200,000 hours at typical load at 25
ambient base on SR332
MECHANICAL
Dimension:
110mm(L) x 62mm(W) x 31.5mm(H)
LED Indicator:
No
On/ Off Switch: No
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Adapter
FSP060-DIBAN2


Similar Part No. - FSP060-DIBAN2

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP060-DIBAN2 SPI-FSP060-DIBAN2 Datasheet
579Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - FSP060-DIBAN2

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP075-DMAA1 FSP-FSP075-DMAA1 Datasheet
75Kb / 1P
   IPC systems, embedded systems
FSP050-DIBAN2 FSP-FSP050-DIBAN2 Datasheet
143Kb / 1P
   IPC systems, Embedded systems
FSP084-DIBAN2 FSP-FSP084-DIBAN2 Datasheet
92Kb / 1P
   IPC systems, Embedded systems
FSP180-AHAN2 FSP-FSP180-AHAN2 Datasheet
99Kb / 1P
   IPC systems, embedded systems
FSP050-DAAN2 FSP-FSP050-DAAN2 Datasheet
143Kb / 1P
   IPC systems, Embedded systems
FSP060-DAAN2 FSP-FSP060-DAAN2 Datasheet
154Kb / 1P
   IPC systems, Embedded systems
FSP150-AHAN2 FSP-FSP150-AHAN2 Datasheet
119Kb / 1P
   IPC systems, Embedded systems, Printers, POS systems
FSP150-AHBN2 FSP-FSP150-AHBN2 Datasheet
114Kb / 1P
   IPC systems, Embedded systems, Printers, POS systems
FSP220-AAAN1 FSP-FSP220-AAAN1 Datasheet
107Kb / 1P
   IPC systems, embedded systems, printers, monitors
FSP150-AAAN2 FSP-FSP150-AAAN2 Datasheet
127Kb / 1P
   IPC systems, Embedded systems, Printers, Monitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com