Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK984-190-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # STK984-190-E
Description  Mini Buck Converter for RF Power Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK984-190-E Datasheet(HTML) 2 Page - ON Semiconductor

  STK984-190-E Datasheet HTML 1Page - ON Semiconductor STK984-190-E Datasheet HTML 2Page - ON Semiconductor STK984-190-E Datasheet HTML 3Page - ON Semiconductor STK984-190-E Datasheet HTML 4Page - ON Semiconductor STK984-190-E Datasheet HTML 5Page - ON Semiconductor STK984-190-E Datasheet HTML 6Page - ON Semiconductor STK984-190-E Datasheet HTML 7Page - ON Semiconductor STK984-190-E Datasheet HTML 8Page - ON Semiconductor STK984-190-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STK984-190-E
www.onsemi.com
2
Electrical Characteristics at Ta  25C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Zero Gate Voltage Drain
Current
IDSS
VGS=0V, VDS=40V
-
-
1.0
μA
Gate Threshold Voltage
VGS(TH)
VGS=VDS, ID=250μA
1.5
-
3.5
V
Output Saturation Voltage /
Each FET
(incudes the wiring resistance)
VDS(sat)
VGS=10V, ID=30A
13/14 to 18/19 pin , 13/14 to 10/12 pin
13/14 to 8/9 pin , 13/14 to 2/3 pin
10/12 to 5/6 pin , 8/9 to 5/6 pin
2/3 to 5/6 pin
-
0.285
0.38
V
Forward Diode Voltage
VSD
VGS=0V, ID=30A
-
0.96
1.4
V
Charges, Capacitances (Note1)
Input Capacitance
Ciss
VGS=0V, f=1.0MHz
VDS=25V
-
1725
-
pF
Total Gate Charge
Qg
VGS=10V, VDS=32V
ID=30A
-
33
80
nC
Note 1 : Ciss & Qg : Design reference value
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - STK984-190-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK984-190-E ONSEMI-STK984-190-E Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results

Similar Description - STK984-190-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
   Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
   3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com