Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-890N-E Datasheet(PDF) 11 Page - ON Semiconductor

Part # STK433-890N-E
Description  4ch class-AB Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-890N-E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button STK433-890N-E Datasheet HTML 4Page - ON Semiconductor STK433-890N-E Datasheet HTML 5Page - ON Semiconductor STK433-890N-E Datasheet HTML 6Page - ON Semiconductor STK433-890N-E Datasheet HTML 7Page - ON Semiconductor STK433-890N-E Datasheet HTML 8Page - ON Semiconductor STK433-890N-E Datasheet HTML 9Page - ON Semiconductor STK433-890N-E Datasheet HTML 10Page - ON Semiconductor STK433-890N-E Datasheet HTML 11Page - ON Semiconductor STK433-890N-E Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STK433-890N-E
No.A2109-11/12
STK433-800 series Stand-by Control & Mute Control & Load-Short Protection
Application
[STK433-800N-E series Stand-By Control Example]
[Feature]
 The pop noise which occurs to the time of power supply on/off can be improved substantially by recommendation
Stand-By Control Application.
 Stand-By Control can be done by additionally adjusting the limitation resistance to the voltage such as micom, the set
design is easy.
(Reference circuit) STK433-800N-E series test circuit To Stand-By Control added +5V.
[Operation explanation] #13pin Stand-By Control Voltage VST
(1) Operation Mode
The switching transistor in the bias circuit turns on and places the amplifier into the operating mode, when 13pin
(VST) voltage added above 2.5V (typ 3.0V).
(2) Stand-By Mode
When 13pin (VST) voltage is stopped (= 0V), the switching transistor in the bias circuit turn off, placing the
amplifier into the standby mode.
(*1) The current limiting resistor must be used to ensure that stand-by pin (13pin) voltage does not exceed its
maximum rated value VST max.
(*2) The pop noise level when the power is turned on can be reduced by setting the time constant with a capacitor
in operating mode.
(*3) Determines the time constant at which the capacitor (*2) is discharged in stand-by mode.
(*1) Please use restriction resistance as there is no Stand-by
terminal voltage (#13pin) beyond maximun rating (VSTmax).
Stand-by Control(ex)
H:Operation Mode(+5V)
L:Stand-by Mode(0V)
33μF
/10V
33kΩ
1kΩ
2kΩ
1.3kΩ
(*1)
STK433-800N-E series
+Vcc
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-Vcc
SUB
GND
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
2
3
4
5
8
7
6
9
10 11 12 13 14 15
1
-PRE
Ch3
IN
Ch3
NF
16 17 18 19
Mute Control
H:Single Mute
L:Normal
GND
Ch1 IN
GND
+Vcc
-Vcc
Ch2 OUT
Ch1 OUT
GND
GND
Ch3 OUT
20 21 22 23
Ch3
OUT
Ch4
IN
Ch4
NF
Ch3
OUT
Ch4
OUT
Ch4
OUT
Ch4 OUT
10kΩ
10kΩ
10kΩ
2.2kΩ
10kΩ
10kΩ
Ch4 IN
GND
GND
Ch2 IN
Ch3 IN
56kΩ 6.8kΩ
Latch Up
Circuit
10kΩ
56kΩ
1kΩ
22kΩ
0.1μF
R1
(*4)
V1
56kΩ
6.8kΩ
56kΩ
6.8kΩ
56kΩ 6.8kΩ
Load Short Protection
Circuit
(*4) R1 is changed depending on the power-supply voltage(-Vcc).
Please set resistance(R1) to become [V1=0v] by the following calculation types.
+5V
+5V
Stand-by
Control
Mute
Control
ST-BY
PLAY
ST-BY
MUTE
MUTE
Stand-by Control
H:Operation Mode(+5V)
L:Stand-by Mode(0V)
1.3KΩ(*1)
IST
∆VBE
1
2
3
4
7
6
5
8
9
10 11 12
STK433-800N-E series
13 14
+Vcc
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-Vcc
SUB GND
+PRE
ST-BY
Ch1
OUT
Ch2
OUT
Bias Circuit
in PreDriver IC
∆VBE
-PRE
Ch3
NF
Ch4
NF
Ch4
IN
Ch3
IN
#13pin Stand-By OFF threshold.
VST
33μF
(*2)
33kΩ
1kΩ
(*3)
2kΩ
(*3)
2.2kΩ(*2)
15 16 17 18 19 20 21 22 23
Ch3
OUT
Ch3
OUT
Ch4
OUT
Ch4
OUT
ex)Stand-By Control Voltage VST=+5v
VST is set by the limitation resistance(*1).
· IST =(VST-VBE*2)/((*1)+(*2))
=(5v-0.6v*2)/(2.2kΩ+1.3kΩ)
=1.09(mA)
· VST=IST×2.2kΩ+VBE=1.09×2.2k+0.6=3.0(V)
Switching transistor
in the bias circuit


Similar Part No. - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
More results

Similar Description - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com