Electronic Components Datasheet Search |
|
STK433-890N-E Datasheet(PDF) 10 Page - ON Semiconductor |
|
STK433-890N-E Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 12 page STK433-890N-E No.A2109-10/12 A Thermal Design Tip For STK433-890N-E Amplifier [Thermal Design Conditions] The thermal resistance (θc-a) of the heat-sink which manages the heat dissipation inside the Hybrid IC will be determined as follow: (Condition 1) The case temperature (Tc) of the Hybrid IC should not exceed 125°C Pd c-a + Ta 125°C··································································· (1) Where Ta : the ambient temperature for the system (Condition 2) The junction temperature of each power transistor should not exceed 150°C Pd c-a + Pd/N j-c + Ta 150°C·················································· (2) Where N : the number of transistors (two for 1 channel , ten for channel) θj-c : the thermal resistance of each transistor (see specification) Note that the power consumption of each power transistor is assumed to be equal to the total power dissipation (Pd) divided by the number of transistors (N). From the formula (1) and (2), we will obtain: c-a (125 Ta)/Pd ······································································ (1)’ c-a (150 Ta)/Pd j-c/N ··························································· (2)’ The value which satisfies above formula (1)’ and (2)’ will be the thermal resistance for a desired heat-sink. Note that all of the component except power transistors employed in the Hybrid IC comply with above conditions. [Example of Thermal Design] Generally, the power consumption of actual music signals are being estimated by the continuous signal of 1/8 PO max. (Note that the value of 1/8 PO max may be varied from the country to country.) (Sample of STK433-890N-E ; 50W×4ch) If VCC is ±34V, and RL is 6, then the total power dissipation (Pd) of inside Hybrid IC is as follow; Pd = 99.0W (at 6.25W output power,1/8 of PO max) There are eight (8) transistors in Audio Section of this Hybrid IC, and thermal resistance (θj-c) of each transistor is 2.1°C/W. If the ambient temperature (Ta) is guaranteed for 50°C, then the thermal resistance (θc-a) of a desired heat- sink should be; From (1)’ c-a (125 50)/99.0 0.76 From (2)’ c-a (150 50)/99.0 2.1/8 0.75 Therefore, in order to satisfy both (1)’ and (2)’, the thermal resistance of a desired Heat-sink will be 0.75°C/W. [Note] Above are reference only. The samples are operated with a constant power supply. Please verify the conditions when your system is actually implemented. |
Similar Part No. - STK433-890N-E |
|
Similar Description - STK433-890N-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |