Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-890N-E Datasheet(PDF) 9 Page - ON Semiconductor

Part # STK433-890N-E
Description  4ch class-AB Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-890N-E Datasheet(HTML) 9 Page - ON Semiconductor

Back Button STK433-890N-E Datasheet HTML 4Page - ON Semiconductor STK433-890N-E Datasheet HTML 5Page - ON Semiconductor STK433-890N-E Datasheet HTML 6Page - ON Semiconductor STK433-890N-E Datasheet HTML 7Page - ON Semiconductor STK433-890N-E Datasheet HTML 8Page - ON Semiconductor STK433-890N-E Datasheet HTML 9Page - ON Semiconductor STK433-890N-E Datasheet HTML 10Page - ON Semiconductor STK433-890N-E Datasheet HTML 11Page - ON Semiconductor STK433-890N-E Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STK433-890N-E
No.A2109-9/12
Characteristic of Evaluation Board
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Output Power Per Channel, Po/ch(W)
THD-Po
STK433-890N-E
Vcc=
±34V
RL=6Ω
4ch Drive
VG=30dB
Rg=600Ω
Tc=25
°C
f=1kHz
f=20kHz
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
Output Power Per Channel, Po/ch(W)
Pd-Po
STK433-890N-E
Vcc=
±34V
f=1kHz
RL=6Ω
4ch Drive
VG=30dB
Rg=600Ω
Tc=25
°C
0
20
40
60
80
100
120
140
160
180
20
30
40
Supply Voltage, Vcc(+-V)
Po-Vcc
STK433-890N-E
f=1kHz
RL=6Ω
4ch Drive
VG=30dB
Rg=600Ω
Tc=25
°C
THD=0.6%
THD=10%
0
20
40
60
80
100
120
140
160
180
10
100
1000
10000
100000
Frequency, f(Hz)
Po-f
STK433-890N-E
Vcc=
±34V
RL=6Ω
4ch Drive
VG=30dB
Rg=600Ω
Tc=25
°C
THD=0.6%
THD=10%


Similar Part No. - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
More results

Similar Description - STK433-890N-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com