Electronic Components Datasheet Search |
|
SCH1436-TL-H Datasheet(PDF) 1 Page - ON Semiconductor |
|
SCH1436-TL-H Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 5 page 1 Publication Order Number : SCH1436/D www.onsemi.com © Semiconductor Components Industries, LLC, 2015 August 2015 - Rev. 3 SCH1436 This low-profile high-power MOSFET is produced using ON Semiconductor’s trench technology, which is specifically designed to minimize gate charge and ultra low on resistance. This device is suitable for applications with low gate charge driving or ultra low on resistance requirements. Features • Low On-Resistance • 4V drive • Low Capacitance • Pb-Free, Halogen Free and RoHS compliance • Ultra small package SCH6 (1.6mm×1.6mm×0.56mmt) Typical Applications • Load Switch SPECIFICATIONS ABSOLUTE MAXIMUM RATING at Ta = 25 °C (Note 1, 2) Parameter Symbol Value Unit Drain to Source Voltage VDSS 30 V Gate to Source Voltage VGSS ±20 V Drain Current (DC) ID 1.8 A Drain Current (Pulse) PW ≤ 10μs, duty cycle ≤ 1% IDP 7.2 A Power Dissipation When mounted on ceramic substrate (900mm 2 × 0.8mm) PD 0.8 W Junction Temperature Tj 150 °C Storage Temperature Tstg −55 to +150 °C Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 2 : This product is designed to “ESD immunity<200V*”, so please take care when handling. *Machine Model THERMAL RESISTANCE RATINGS Parameter Symbol Value Unit Junction to Ambient RθJA 156.2 °C/W When mounted on ceramic substrate (900mm 2 × 0.8mm) TL 3 4 1, 2, 5, 6 1: Drain 2: Drain 3: Gate 4: Source 5: Drain 6: Drain ZM Power MOSFET 30V, 180mΩ, 1.8A, Single N-Channel ORDERING INFORMATION See detailed ordering and shipping information on page 5 of this data sheet. VDSS RDS(on) Max ID Max 30V 180mΩ@ 10V 1.8A 330mΩ@ 4V ELECTRICAL CONNECTION N-Channel PACKING TYPE : TL MARKING |
Similar Part No. - SCH1436-TL-H |
|
Similar Description - SCH1436-TL-H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |