Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBS822-TL-W Datasheet(PDF) 2 Page - ON Semiconductor

Part # SBS822-TL-W
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBS822-TL-W Datasheet(HTML) 2 Page - ON Semiconductor

  SBS822-TL-W Datasheet HTML 1Page - ON Semiconductor SBS822-TL-W Datasheet HTML 2Page - ON Semiconductor SBS822-TL-W Datasheet HTML 3Page - ON Semiconductor SBS822-TL-W Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBS822
No. A1504-2/4
Electrical Characteristics at Ta=25°C (Value per element)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=0.5mA
20
V
Forward Voltage
VF1IF=0.5A
0.34
0.39
V
VF2IF=0.7A
0.37
0.42
V
VF3IF=1A
0.41
0.46
V
Reverse Current
IR
VR=10V
110
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
19
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
When mounted on ceramic substrate (1000mm2×0.8mm)
130
°C / W
trr Test Circuit
Duty10%
50Ω
100Ω
10Ω
--5V
trr
10μs
Ta -- IO
Average Output Current, IO -- A
C -- VR
Reverse Voltage, VR -- V
0
0.4
1.2
0.8
1.6
0.2
1.0
0.6
1.4
0
25
50
125
100
75
150
IT14725
(5)
(1)
(2)
(4)
0.1
1.0
10
100
10
2
3
5
2
7
7
23
5
7
23
5
3
72
IT14726
f=1MHz
(3)
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
(5)DC
Forward Voltage, VF -- V
IF -- VF
Reverse Voltage, VR -- V
IR -- VR
0
IT14723
IT14724
0.001
2
3
5
7
2
3
5
0.01
7
2
3
5
0.1
0.5
0.3
0.2
0.4
0.1
0
25
15
10
20
5
1E-02
1E-01
1E+00
1E+01
1E+02
1E+05
1E+04
1E+03
Ta=125°C
100°C
75°C
50°C
25°C
0
°C
--25°C
7
2
1.0


Similar Part No. - SBS822-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS822 SANYO-SBS822 Datasheet
253Kb / 3P
   20V, 1A Rectifi er
More results

Similar Description - SBS822-TL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com