Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE813 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBE813
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBE813 Datasheet(HTML) 1 Page - ON Semiconductor

  SBE813 Datasheet HTML 1Page - ON Semiconductor SBE813 Datasheet HTML 2Page - ON Semiconductor SBE813 Datasheet HTML 3Page - ON Semiconductor SBE813 Datasheet HTML 4Page - ON Semiconductor SBE813 Datasheet HTML 5Page - ON Semiconductor SBE813 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
High frequency rectification (switching regulators, converters, choppers)
Features
Small switching noise
Low leakage current and high reliability due to highly reliable planar structure
Ultrasmall package permitting applied sets to be small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
I
O
3.0
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
20
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7012-001
Ordering number : EN8967A
2.9
0.65
0.3
123 4
87 6 5
0.15
1 : Anode1
2 : No Contact
3 : Anode2
4 : No Contact
5 : Cathode2
6 : Cathode2
7 : Cathode1
8 : Cathode1
VEC8
SBE813-TL-E
Product & Package Information
• Package
: VEC8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
TL
SE
LOT No.
5
4
6
3
7
2
8
1
90512 TKIM/32406SB MSIM TB-00002132 No.8967-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SBE813
Schottky Barrier Diode
30V, 3A, Low IR, Non-Monolithic Dual VEC8 Common Cathode
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - SBE813

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SBE813-TL-E SANYO-SBE813-TL-E Datasheet
410Kb / 6P
   30V, 3.0A Rectifier
SBE813 SANYO-SBE813_12 Datasheet
410Kb / 6P
   30V, 3.0A Rectifier
More results

Similar Description - SBE813

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com