Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE002-TL-W Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBE002-TL-W
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBE002-TL-W Datasheet(HTML) 1 Page - ON Semiconductor

  SBE002-TL-W Datasheet HTML 1Page - ON Semiconductor SBE002-TL-W Datasheet HTML 2Page - ON Semiconductor SBE002-TL-W Datasheet HTML 3Page - ON Semiconductor SBE002-TL-W Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
60414HK TC-00003128/91912TKIM/O0899GI(KT) No.6343-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
June, 2014
SBE002
Schottky Barrier Diode
50V, 1A, Low IR, Single CPH6
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Applications
Highfrequencyrectification(switchingregulators,converters,choppers)
Features
Lowforwardvoltage(VFmax=0.55V)
Halogenfreecompliance
Fastreverserecoverytime(trrmax=10ns)
Lowswitchingnoise
Lowleakagecurrentandhighreliabilityduetohighlyreliableplanarstructure
Ultrasmallpackage,permittingSBE002-appliedsetstobecompactandslim(mountingheight0.9mm)
Largeallowablepowerdissipation
Specifications
Absolute Maximum RatingsatTa=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
50
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
55
V
Average Output Current
IO
1
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7018A-012
Ordering number : EN6343B
Product & Package Information
•Package
:CPH6
•JEITA,JEDEC
:SC-74,SOT-26,SOT-457
•MinimumPackingQuantity :3,000pcs./reel
Packing Type: TL
Marking
Electrical Connection
2
65
4
13
TL
1 : Cathode
2 : Cathode
3 : No contact
4 : Anode
5 : Cathode
6 : Cathode
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
SBE002-TL-E
SBE002-TL-W
ORDERING INFORMATION
Seedetailedorderingandshippinginformationonpage2ofthisdatasheet.


Similar Part No. - SBE002-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE002 SANYO-SBE002 Datasheet
35Kb / 3P
   50V, 1A Rectifier
More results

Similar Description - SBE002-TL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com