Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA353 Datasheet(PDF) 1 Page - AUK corp

Part # STA353
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STA353 Datasheet(HTML) 1 Page - AUK corp

  STA353 Datasheet HTML 1Page - AUK corp STA353 Datasheet HTML 2Page - AUK corp STA353 Datasheet HTML 3Page - AUK corp STA353 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-B002-000
1
STA353
PNP Silicon Transistor
Descriptions
• High current application
• Audio power amplifier
Features
• High current : IC = -2A
• Complementary pair with STC352
Ordering Information
Type NO.
Marking
Package Code
STA353
STA353
MPT
Outline Dimensions
unit : mm
PIN Connections
1. Emitter
2. Collector
3. Base
S
Seem
miiccoon
nd
du
uccttoorr
2.5±0.1
.
1
6.5±0.2
1.2 Max.
5.0±0.2
0.4~0.6
0.70 Max.
2
3


Similar Part No. - STA353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA350B STMICROELECTRONICS-STA350B Datasheet
2Mb / 94P
   2.1-channel high-efficiency digital audio system Sound TerminalR
June 2019 Rev 7
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA350BWTR STMICROELECTRONICS-STA350BWTR Datasheet
2Mb / 94P
   2.1-channel high-efficiency digital audio system Sound TerminalR
June 2019 Rev 7
logo
Mallory Sonalert Produc...
STA35802 MSPI-STA35802 Datasheet
200Kb / 1P
   Voltage Rating 12 to 24 Vdc
More results

Similar Description - STA353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com