Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLWT-115 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # CLWT-115
Description  BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

CLWT-115 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  CLWT-115 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The CLWT-115TM is a research-
quality closed loop wind tunnel that
provides a convenient, accurate
system for thermally characterizing
PCBs and individual components
at elevated temperatures from
ambient to 85°C.
The CLWT-115TM wind tunnel
produces air flows up to 5 m/s (1000 ft/min). With customization, it can generate flows up
to 50 m/s (10,000 ft/min) using orifice plates (available optionally). The clear Lexan test
section lets the user view the test specimen and allows for flow visualization.
Unlike open loop wind tunnels, the CLWT-115TM recirculates internal air. This allows the
system heater to quickly warm the air to a specific temperature. The testing of boards and
components in hot air is a requirement in some NEBS and other standards. The precise
controls and temperature range of the CLWT-115TM wind tunnel allows its use for testing
heat sink performance and for calibrating air and temperature sensors.
The complete wind tunnel fits on most lab benches and is powered from standard AC
outlets. It has a smaller footprint than traditional, closed loop wind tunnels or environmental
test chambers.
The wind tunnel’s test section can be accessed from
the top door or sides for mounting and repositioning
of boards, components and sensors. Optional
internal rail guides provide an easy mechanism to
install test specimens of different sizes (e.g., PCB,
heat sink).
Instrument ports (6) are provided in the side walls of
the test section for placing temperature and velocity
sensors such as thermocouples, Pitot tubes and hot-
wire anemometers.
Custom options are also available. Contact ATS for
details.
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
OVERALL DIMENSIONS (L X W X H)
220.8 cm x 49.3 cm x 86.5 cm
(86.9” x 19.4” x 34”)
TEST SECTION DIMENSIONS
77.6 cm x 26 cm x 11.6 cm
(30.5” x 10.2” x 4.55”)
NUMBER OF INSTRUMENT PORTS
6
FLOW RANGE
0 to 5 m/s (1000 ft/min)
TEMPERATURE RANGE
Up to 85°C (185°F)
WEIGHT
114 kg (250 lbs.)
R1_0215
CLWT-115TM
BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE
TESTING OF BOARDS AND COMPONENTS
CLOSED LOOP WIND TUNNEL
FEATURES:
» Quick Access
Quickly change the test speci-
men through the
top access test section
» Sensor Ports
Measure pressure, velocity and
temperature through
the sensor ports
» Data Center
View data and monitor events
(with optional controller)
» Flow Characteristics
High quality flow with very low
turbulence intensity
» Free Lifetime Tech Support
APPLICATIONS:
» High Temperature Testing
Evaluate the effects of elevated
temperatures on components
and PCB response and reliability
» Heat Sink Characterization
Characterize a variety of heat
sink sizes for natural and forced
convection cooling
» Sensor Calibration
Precision temperature and
velocity controls allows accurate
calibration of sensors
» Component Testing
Utilize for individual or multiple
component testing
» Multiple PCB Testing
Test actual or simulated PCBs
for thermal and flow distribution


Similar Part No. - CLWT-115

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
CLWT-100 ATS-CLWT-100 Datasheet
400Kb / 1P
   RESEARCH QUALITY, CLOSED LOOP WIND TUNNEL
R1_0215
More results

Similar Description - CLWT-115

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
CLWT-067 ATS-CLWT-067 Datasheet
397Kb / 1P
   BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R4_0215
CWT-108 ATS-CWT-108 Datasheet
594Kb / 1P
   UNIQUE OPEN LOOP WIND TUNNEL FOR THERMAL CHARACTERIZATION OF COMPONENTS, BOARDS AND HEAT SINKS
R3_0215
CLWT-100 ATS-CLWT-100 Datasheet
400Kb / 1P
   RESEARCH QUALITY, CLOSED LOOP WIND TUNNEL
R1_0215
BWT-104 ATS-BWT-104 Datasheet
624Kb / 1P
   RESEARCH QUALITY BENCHTOP WIND TUNNEL
R3_0215
BWT-100 ATS-BWT-100 Datasheet
495Kb / 1P
   RESEARCH QUALITY BENCHTOP WIND TUNNEL
R6_0515
CWT-100 ATS-CWT-100 Datasheet
538Kb / 1P
   CONTROLLED OPEN LOOP WIND TUNNEL
R3_0215
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
   WIND TUNNEL CONTROLLER
R3_0215
CWT-106 ATS-CWT-106 Datasheet
600Kb / 1P
   CUSTOMIZED RESEARCH QUALITY WIND TUNNEL
R3_0215
CWT-PCB ATS-CWT-PCB Datasheet
1Mb / 1P
   TEST MULTIPLE PCBs IN WIND TUNNEL
R3_0215
logo
Maxim Integrated Produc...
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
   330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com