Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3231 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SB3231
Description  Pre-configured DSP System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3231 Datasheet(HTML) 3 Page - ON Semiconductor

  SB3231 Datasheet HTML 1Page - ON Semiconductor SB3231 Datasheet HTML 2Page - ON Semiconductor SB3231 Datasheet HTML 3Page - ON Semiconductor SB3231 Datasheet HTML 4Page - ON Semiconductor SB3231 Datasheet HTML 5Page - ON Semiconductor SB3231 Datasheet HTML 6Page - ON Semiconductor SB3231 Datasheet HTML 7Page - ON Semiconductor SB3231 Datasheet HTML 8Page - ON Semiconductor SB3231 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
RHYTHM SB3231
www.onsemi.com
3
SPECIFICATIONS
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to 40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
25
mW
Maximum Operating Supply Voltage
1.65
VDC
Absolute Maximum Supply Voltage
1.8
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING:
Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING:
Moisture Sensitive Device − RoHS Compliant; Level 4 MSL. Do not open packages except under controlled conditions.
Table 2. ELECTRICAL CHARACTERISTICS (Supply Voltage VB = 1.25 V; Temperature = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Hybrid Current
IAMP
All functions, 32 kHz sampling rate
770
mA
All functions, 16 kHz sampling rate
600
Minimum Operating Supply Voltage
VBOFF
Ramp down, audio path
0.93
0.95
0.97
V
Ramp down, control logic
0.77
0.80
0.83
Supply Voltage Turn On Threshold
VBON
Ramp up
1.06
1.10
1.16
V
EEPROM Burn Cycles
100 k
cycles
Low Frequency System Limit
125
Hz
High Frequency System Limit
16
kHz
Total Harmonic Distortion
THD
VIN = −40 dBV
1
%
THD at Maximum Input
THDM
VIN = −15 dBV, HRX − ON
3
%
Clock Frequency
fCLK
3.973
4.096
4.218
MHz
Audio Path Latency
8 kHz bandwidth
4.2
ms
16 kHz bandwidth
4.0
System Power On Time (Note 1)
SB3231
1600
ms
REGULATOR
Regulator Voltage
VREG
0.87
0.90
0.93
V
System PSRR
PSRRSYS
1 kHz, Input referred, HRX enabled
70
dB
INPUT
Input Referred Noise
IRN
Bandwidth 100 Hz − 8 kHz, HRX on
−108
−106
dBV
Input Impedance
ZIN
1 kHz
3
M
W
Anti−aliasing Filter Rejection
f = fCLK/2 − 8 kHz, VIN = −40 dBV
80
dB
Crosstalk
Between both A/D and Mux
60
dB
Maximum Input Level
−15
−13
dBV
Analogue Input Voltage Range
VAN_IN
VIN1, VIN2, Al
0
800
mV
VAN_TIN
TIN
−100
800
Input Dynamic Range
HRX − ON Bandwidth
100 Hz − 8 kHz
95
96
dB
1. Times do not include additional programmable startup delay.


Similar Part No. - SB3231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results

Similar Description - SB3231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com